Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7USB40MU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC7USB40MU
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7USB40MU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC7USB40MU Datasheet HTML 1Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 2Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 3Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 4Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 5Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 6Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 7Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 8Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC7USB40MU
4
10.
10.
10.
10. Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
Electrical Characteristics
10.1.
10.1.
10.1.
10.1. DC Characteristics (Note) (Unless otherwise specified, T
DC Characteristics (Note) (Unless otherwise specified, T
DC Characteristics (Note) (Unless otherwise specified, T
DC Characteristics (Note) (Unless otherwise specified, Taaaa = -40 to 85
= -40 to 85
= -40 to 85
= -40 to 85
))))
Characteristics
High-level input voltage (OE, S)
Low-level input voltage (OE, S)
Input leakage current (OE, S)
Power-OFF leakage current
Switch OFF-state leakage
current
ON-resistance
Difference of ON-resistance
between switches
ON-resistance flatness
Quiescent supply current
Symbol
VIH
VIL
IIN
IOFF
ISZ
RON
∆RON
RON(flat)
ICC
∆ICC
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
VIN = 0 to 4.3 V
VIN = VIS = 0 to 4.3 V,
See Fig. 11.10
VIS = 0 to VCC, OE = VCC,
See Fig. 11.11
VIS = 0 V, IIS = 30 mA,
See Fig. 11.9
VIS = 0.4 V, IIS = 30 mA,
See Fig. 11.9
VIS = 3.0 V, IIS = 30 mA,
See Fig. 11.9
VIS = 0.4 V, 1.0 V,
IIS = 30 mA
VIS = 0 V to 1.0 V,
IIS = 30 mA
VIN = VCC or GND,
IOUT = 0 A
VIN = 2.6 V (one input)
VCC (V)
2.3 to 3.0
3.0 to 4.3
2.3 to 4.3
2.3 to 4.3
0
2.3 to 4.3
3.0
3.0
3.0
3.0
3.0
4.3
4.3
Min
0.50 ×
VCC
0.46 ×
VCC.
Typ.
4.5
4.8
10
0.35
1.3
Max
0.25 ×
VCC
±1
±2
±2
6
6.7
14
1
40
Unit
V
µA
Ω
µA
Note:
All typical values are at Ta = 25.
Note 1: Measured by the voltage drop between D+/D- and 1D+/1D-,2D+/2D- pins at the indicated current through the
switch. On-resistance is determined by the lower of the voltages on the two pins.
10.2.
10.2.
10.2.
10.2. AC Characteristics (Note) (Unless otherwise specified, T
AC Characteristics (Note) (Unless otherwise specified, T
AC Characteristics (Note) (Unless otherwise specified, T
AC Characteristics (Note) (Unless otherwise specified, Taaaa = -40 to 85
= -40 to 85
= -40 to 85
= -40 to 85
))))
Characteristics
Propagation delay time
Turn-ON time
(S, OE to output)
Turn-OFF time
(S, OE to output)
Break before make
Skew of opposite transitions of
the same output (tPHL - tPLH)
Output skew (center port to any
other port)
Symbol
tPLH/tPHL
ton
toff
TBBM
tSK(P)
tSK(O)
Note
(Note 1)
(Note 1)
(Note 1)
Test Condition
CL = 5 pF, See Fig. 11.1
RL = 50 Ω, CL = 5 pF,
See Fig. 11.2
RL = 50 Ω, CL = 5 pF,
See Fig. 11.3
CL = 5 pF, See Fig. 11.4
CL = 5 pF, See Fig. 11.5
VCC (V)
3.3 ± 0.3
Min
2
Typ.
0.25
10
14
0.1
0.1
Max
20
24
7
Unit
ns
Note:
All typical values are at Ta = 25.
Note 1: Parameter guaranteed by design.
2012-09-27
Rev.1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com