Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7USB40MU Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC7USB40MU
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7USB40MU Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC7USB40MU Datasheet HTML 1Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 2Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 3Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 4Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 5Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 6Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 7Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 8Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TC7USB40MU
3
8.
8.
8.
8. Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Absolute Maximum Ratings (Note)
Characteristics
Supply voltage
Input voltage (OE, S)
Switch I/O voltage
Clamp diode current
Switch I/O current
Power dissipation
VCC/ground current
Storage temperature
Symbol
VCC
VIN
VS
IIK
IS
PD
ICC/IGND
Tstg
Note
Test Condition
VCC = 0 V or Switch OFF
Switch ON
Control input
Switch
Rating
-0.5 to 4.6
-0.5 to 4.6
-0.5 to 4.6
0.5 to VCC +0.5
-50
±50
50
200
±100
-65 to 150
Unit
V
mA
mW
mA
Note:
Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even
destruction.
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
9.
9.
9.
9. Operating Ranges (Note)
Operating Ranges (Note)
Operating Ranges (Note)
Operating Ranges (Note)
Characteristics
Supply voltage
Input voltage (OE, S)
Switch I/O voltage
Operating temperature
Input rise time
Input fall time
Symbol
VCC
VIN
VS
Topr
dt/dv
Note
Test Condition
VCC = 0 V or Switch OFF
Switch ON
Rating
2.3 to 4.3
0 to 4.3
0 to 4.3
0 to VCC
-40 to 85
0 to 10
0 to 10
Unit
V
ns/V
Note:
The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs and bus inputs must be tied to either VCC or GND.
2012-09-27
Rev.1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com