Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7USB40MU Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC7USB40MU
Description  CMOS Digital Integrated Circuits Silicon Monolithic
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC7USB40MU Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC7USB40MU Datasheet HTML 1Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 2Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 3Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 4Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 5Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 6Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 7Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 8Page - Toshiba Semiconductor TC7USB40MU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TC7USB40MU
5
10.3.
10.3.
10.3.
10.3. Analog Switch (Note) (Unless otherwise specified, T
Analog Switch (Note) (Unless otherwise specified, T
Analog Switch (Note) (Unless otherwise specified, T
Analog Switch (Note) (Unless otherwise specified, Taaaa = -40 to 85
= -40 to 85
= -40 to 85
= -40 to 85
))))
Characteristics
OFF isolation (non-adjacent)
Crosstalk (non-adjacent)
-3dB Bandwidth
Symbol
OIRR
Xtalk
BW
Note
Test Condition
RT = 50 Ω, f = 240 MHz,
See Fig. 11.6
RT = 50 Ω, f = 240 MHz,
See Fig. 11.7
RL = 50 Ω, CL = 0 pF,
See Fig. 11.8
VCC (V)
3.3 ± 0.3
Min
Typ.
-24
-30
1500
Max
Unit
dB
MHz
Note:
All typical values are at Ta = 25.
Parameter guaranteed by design.
10.4.
10.4.
10.4.
10.4. Capacitive Characteristics (Note) (Unless otherwise specified, T
Capacitive Characteristics (Note) (Unless otherwise specified, T
Capacitive Characteristics (Note) (Unless otherwise specified, T
Capacitive Characteristics (Note) (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25
))))
Characteristics
Input capacitance
(OE, S)
Switch terminal OFF-capacitance
(D+, D-)
Switch terminal OFF-capacitance
(1D+, 1D-, 2D+, 2D-)
Switch terminal ON-capacitance
Symbol
CIN
CI/O
Note
Test Condition
VIN = 0 V
OE = VCC, VIS = 0 V
OE = GND, VIS = 0 V
VCC (V)
3.3
Typ.
3
3
2
5
Unit
pF
Note:
Parameter guaranteed by design.
2012-09-27
Rev.1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com