Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD00257532 Datasheet(PDF) 10 Page - STMicroelectronics

Part # CD00257532
Description  Multifunction very low drop voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00257532 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button CD00257532 Datasheet HTML 6Page - STMicroelectronics CD00257532 Datasheet HTML 7Page - STMicroelectronics CD00257532 Datasheet HTML 8Page - STMicroelectronics CD00257532 Datasheet HTML 9Page - STMicroelectronics CD00257532 Datasheet HTML 10Page - STMicroelectronics CD00257532 Datasheet HTML 11Page - STMicroelectronics CD00257532 Datasheet HTML 12Page - STMicroelectronics CD00257532 Datasheet HTML 13Page - STMicroelectronics CD00257532 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Application information
L4949ED-E, L4949EP-E
10/19
Doc ID 16823 Rev 1
3
Application information
Figure 3.
Application circuit(1)
1.
For stability: CS ≥ 1µF, CO ≥ 4.7µF, ESR < 10Ω at 10KHz. Recommended for application: CS = CO = 10 µF to 100 µF
3.1
Supply voltage transient
High supply voltage transients can cause a reset output signal disturbance. For supply
voltages greater than 8V the circuit shows a high immunity of the reset output against supply
transients of more than 100V/µs. For supply voltages less than 8V supply transients of more
than 0.4V/µs can cause a reset signal disturbance.
To improve the transient behaviour for supply voltages less than 8V a capacitor at pin VZ can
be used.
This capacitor (C3
≤ 1 µF) reduces also the output noise.
3.2
Functional description
The L4949ED-E and L4949EP-E are monolithic integrated voltage regulator, based on the
STM modular voltage regulator approach. Several outstanding features and auxiliary
functions are implemented to meet the requirements of supplying microprocessor systems
in automotive applications. Nevertheless, it is suitable also in other applications where the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com