Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD00257532 Datasheet(PDF) 12 Page - STMicroelectronics

Part # CD00257532
Description  Multifunction very low drop voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00257532 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button CD00257532 Datasheet HTML 8Page - STMicroelectronics CD00257532 Datasheet HTML 9Page - STMicroelectronics CD00257532 Datasheet HTML 10Page - STMicroelectronics CD00257532 Datasheet HTML 11Page - STMicroelectronics CD00257532 Datasheet HTML 12Page - STMicroelectronics CD00257532 Datasheet HTML 13Page - STMicroelectronics CD00257532 Datasheet HTML 14Page - STMicroelectronics CD00257532 Datasheet HTML 15Page - STMicroelectronics CD00257532 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Application information
L4949ED-E, L4949EP-E
12/19
Doc ID 16823 Rev 1
Figure 5.
Output voltage vs input voltage
Figure 6.
Quiescent current vs supply voltage
3.4
Preregulator
To improve the transient immunity a preregulator stabilizes the internal supply voltage to 5 V.
This internal voltage is present at Pin 3 (VZ). This voltage should not be used as an output
because the output capability is very small (
≤ 10 µA).
This output may be used as an option when a better transient behaviour for supply voltages
less than 8 V is required (see also application note).
In this case a capacitor (100 nF - 1 µF) must be connected between pin VZ and GND. If this
feature is not used pin VZ must be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com