Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD00257532 Datasheet(PDF) 1 Page - STMicroelectronics

Part # CD00257532
Description  Multifunction very low drop voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CD00257532 Datasheet(HTML) 1 Page - STMicroelectronics

  CD00257532 Datasheet HTML 1Page - STMicroelectronics CD00257532 Datasheet HTML 2Page - STMicroelectronics CD00257532 Datasheet HTML 3Page - STMicroelectronics CD00257532 Datasheet HTML 4Page - STMicroelectronics CD00257532 Datasheet HTML 5Page - STMicroelectronics CD00257532 Datasheet HTML 6Page - STMicroelectronics CD00257532 Datasheet HTML 7Page - STMicroelectronics CD00257532 Datasheet HTML 8Page - STMicroelectronics CD00257532 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
November 2009
Doc ID 16823 Rev 1
1/19
1
L4949ED-E
L4949EP-E
Multifunction very low drop
voltage regulator
Features
■ ECOPACK®: lead free and RoHS compliant
■ Automotive Grade: compliance with AEC
guidelines
■ Operating DC supply voltage range 5 V - 28 V
■ Transient supply voltage up to 40V
■ Extremely low quiescent current in standby
mode
■ High precision standby output voltage 5V±1%
■ Output current capability up to 100mA
■ Very low dropout voltage less than 0.5V
■ Reset circuit sensing the output voltage
■ Programmable reset pulse delay with external
capacitor
■ Voltage sense comparator
■ Thermal shutdown and short circuit protections
Description
The L4949ED-E and L4949EP-E are monolithic
integrated 5V voltage regulators with a very low
dropout output and additional functions as power-
on reset and input voltage sense. They are
designed for supplying the microcomputer
controlled systems especially in automotive
applications.
SO-8
SO-20W (12+4+4)
Table 1.
Device summary
Package
Order codes
Tube
Tape and reel
SO-8
L4949ED-E
L4949EDTR-E
SO-20W
L4949EP-E
L4949EPTR-E
www.st.com


Similar Part No. - CD00257532

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CD00251512 STMICROELECTRONICS-CD00251512 Datasheet
930Kb / 16P
N-channel 525 V, 0.95 ohm, 6 A, DPAK, TO-220FP, TO-220
20-Oct-2010
CD00253742 STMICROELECTRONICS-CD00253742 Datasheet
2Mb / 120P
XL-density performance line ARM-based 32-bit MCU
18-Jan-2012
More results

Similar Description - CD00257532

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
L4949 MOTOROLA-L4949 Datasheet
196Kb / 8P
MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
L4949 ONSEMI-L4949 Datasheet
191Kb / 8P
MULTIFUNCTION VERY LOW DROPOUT VOLTAGE REGULATOR
1998 Rev 1
logo
STMicroelectronics
L4925 STMICROELECTRONICS-L4925 Datasheet
69Kb / 8P
VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
L4945 STMICROELECTRONICS-L4945 Datasheet
43Kb / 6P
5V VERY LOW DROP VOLTAGE REGULATOR
Mar-1999
L4949E STMICROELECTRONICS-L4949E Datasheet
77Kb / 10P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
Jun-2000
logo
TelCom Semiconductor, I...
TC4949 TELCOM-TC4949 Datasheet
352Kb / 9P
Multifunction Very Low Dropout Voltage Regulator
logo
STMicroelectronics
LDR1833 STMICROELECTRONICS-LDR1833_08 Datasheet
407Kb / 16P
Very low drop dual voltage regulator
15-Apr-2008
L4949ED-E STMICROELECTRONICS-L4949ED-E Datasheet
475Kb / 19P
Multifunction very low drop voltage regulator
24-Nov-2009
L4949ED013TR STMICROELECTRONICS-L4949ED013TR Datasheet
501Kb / 19P
Multifunction very low drop voltage regulator
25-Nov-2009
logo
E-Tech Electronics LTD
L2949E ETL-L2949E Datasheet
140Kb / 7P
MULTIFUNCTION VERY LOW DROP VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com