Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F400AB-65FIB Datasheet(PDF) 10 Page - Advanced Micro Devices

Part # AM29F400AB-65FIB
Description  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AB-65FIB Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29F400AB-65FIB Datasheet HTML 6Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 7Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 8Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 9Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 10Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 11Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 12Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 13Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
10
Am29F400AT/Am29F400AB
PRELIMINARY
Table 5.
Sector Address Tables (Am29F400AT)
Table 6.
Sector Address Tables (Am29F400AB)
Write
Device erasure and programming are accomplished via
the command register. The contents of the register serve
as inputs to the internal state machine. The state ma-
chine outputs dictate the function of the device.
The command register itself does not occupy any ad-
dressable memory location. The register is a latch used
to store the commands, along with the address and data
information needed to execute the command. The com-
mand register is written to by bringing WE to VIL, while
CE is at VIL and OE is at VIH. Addresses are latched on
the falling edge of WE or CE, whichever happens later;
while data is latched on the rising edge of WE or CE,
whichever happens first. Standard microprocessor write
timings are used.
Refer to AC Write Characteristics and the Erase/Pro-
gramming Waveforms for specific timing parameters.
Sector Protection
The Am29F400A features hardware sector protection.
This feature will disable both program and erase opera-
tions in any combination of ten sectors of memory. The
sector protect feature is enabled using programming
equipment at the user’s site. The device is shipped with
all sectors unprotected. Alternatively, AMD may program
and protect sectors in the factory prior to shipping the
device (AMD’s ExpressFlash
™ Service).
A17
A16
A15
A14
A13
A12
(x8) Address
Range
(x16) Address
Range
SA0
0
0
0
X
X
X
00000h-0FFFFh
00000h-07FFFh
SA1
0
0
1
X
X
X
10000h-1FFFFh
08000h-0FFFFh
SA2
0
1
0
X
X
X
20000h-2FFFFh
10000h-17FFFh
SA3
0
1
1
X
X
X
30000h-3FFFFh
18000h-1FFFFh
SA4
1
0
0
X
X
X
40000h-4FFFFh
20000h-27FFFh
SA5
1
0
1
X
X
X
50000h-5FFFFh
28000h-2FFFFh
SA6
1
1
0
X
X
X
60000h-6FFFFh
30000h-37FFFh
SA7
1110
X
X
70000h-77FFFh
38000h-3BFFFh
SA8
111100
78000h-79FFFh
3C000h-3CFFFh
SA9
111101
7A000h-7BFFFh
3D000h-3DFFFh
SA10
11111
X
7C000h-7FFFFh
3E000h-3FFFFh
A17
A16
A15
A14
A13
A12
(x8) Address
Range
(x16) Address
Range
SA0
00000
X
00000h-03FFFh
00000h-01FFFh
SA1
000010
04000h-05FFFh
02000h-02FFFh
SA2
000011
06000h-07FFFh
03000h-03FFFh
SA3
0001
X
X
08000h-0FFFFh
04000h-07FFFh
SA4
0
0
1
X
X
X
10000h-1FFFFh
08000h-0FFFFh
SA5
0
1
0
X
X
X
20000h-2FFFFh
10000h-17FFFh
SA6
0
1
1
X
X
X
30000h-3FFFFh
18000h-1FFFFh
SA7
1
0
0
X
X
X
40000h-4FFFFh
20000h-27FFFh
SA8
1
0
1
X
X
X
50000h-5FFFFh
28000h-2FFFFh
SA9
1
1
0
X
X
X
60000h-6FFFFh
30000h-37FFFh
SA10
1
1
1
X
X
X
70000h-7FFFFh
38000h-3FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com