Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F400AB-65FIB Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM29F400AB-65FIB
Description  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AB-65FIB Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM29F400AB-65FIB Datasheet HTML 8Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 9Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 10Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 11Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 12Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 13Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 14Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 15Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
12
Am29F400AT/Am29F400AB
PRELIMINARY
Table 7.
Am29F400A Command Definitions (Notes 1–7)
Notes:
1. Bus operations are defined in Tables 1 and 2.
2. RA = Address of the memory location to be read.
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of the WE pulse.
SA = Address of the sector to be erased. The combination of A17–A12 will uniquely select any sector.
3. RD = Data read from location RA during read operation.
PD = Data to be programmed at location PA. Data is latched on the rising edge of WE.
4. Reading from non-erasing sectors is allowed in the Erase Suspend mode.
5. Address bits A17–A15 are don’t care for unlock and command cycles.
6. The system should generate the following address patterns:
Word Mode: 5555H or 2AAAH to addresses A0–A14
Byte Mode: AAAAH or 5555H to addresses A-1–A14.
Read/Reset Command
The read or reset operation is initiated by writing the
read/reset command sequence into the command reg-
ister. Microprocessor read cycles retrieve array data
from the memory. The device remains enabled for
reads until the command register contents are altered.
The device will automatically power-up in the read/
reset state. In this case, a command sequence is not
required to read data. Standard microprocessor read
cycles will retrieve array data. This default value en-
sures that no spurious alteration of the memory content
occurs during the power transition. Refer to the AC
Read Characteristics and Waveforms for the specific
timing parameters.
Command
Sequence
Read/Reset
Bus
Write
Cycles
Req’d
First Bus
Write Cycle
Second Bus
Write Cycle
Third Bus
Write Cycle
Fourth Bus
Read/Write Cycle
Fifth Bus
Write Cycle
Sixth Bus
Write Cycle
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Addr
Data
Reset/Read
1
XXXXH F0H
Reset/
Read
Word
3
5555H
AAH 2AAAH 55H
5555H
F0H
RA
RD
Byte
AAAAH
5555H
AAAAH
Autoselect
Word
3
5555H
AAH 2AAAH 55H
5555H
90H
01H
2223H
(T Device ID)
22ABH
(B Device ID)
Byte
AAAAH
5555H
AAAAH
23H
(T Device ID)
ABH
(B Device ID)
Word
/Byte
00H
01H (T/B
Manuf. ID)
Program
Word
4
5555H
AAH 2AAAH 55H
5555H
A0H
PA
PD
Byte
AAAAH
5555H
AAAAH
Chip Erase
Word
6
5555H
AAH 2AAAH 55H
5555H
80H
5555H
AAH
2AAAH
55H
5555H
10H
Byte
AAAAH
5555H
AAAAH
AAAAH
5555H
AAAAH
Sector
Erase
Word
6
5555H
AAH 2AAAH 55H
5555H
80H
5555H
AAH
2AAAH
55H
SA
30H
Byte
AAAAH
5555H
AAAAH
AAAAH
5555H
Erase Suspend
1
XXXXH B0H
Erase Resume
1
XXXXH 30H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com