Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM29F400AB-65FIB Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM29F400AB-65FIB
Description  4 Megabit (524,288 x 8-Bit/262,144 x 16-Bit) CMOS 5.0 Volt-only, Sector Erase Flash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F400AB-65FIB Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM29F400AB-65FIB Datasheet HTML 7Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 8Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 9Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 10Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 11Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 12Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 13Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 14Page - Advanced Micro Devices AM29F400AB-65FIB Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Am29F400AT/Am29F400AB
11
PRELIMINARY
It is possible to determine if a sector is protected in the
system by writing an Autoselect command. Performing
a read operation at the address location XX02H, where
the higher order address bits A12–A17 is the desired
sector address, will produce a logical “1” at DQ0 for a
protected sector. See Table 3 for Autoselect codes.
Temporary Sector Unprotect
This feature allows temporary unprotection of previ-
ously protected sectors of the Am29F400A device in
order to change data in-system. The Sector Unprotect
mode is activated by setting the RESET pin to high volt-
age (12V). During this mode, formerly protected sec-
tors can be programmed or erased by selecting the
sector addresses. Once the 12 V is taken away from
the RESET pin, all the previously protected sectors will
be protected again. Refer to Figures 16 and 17.
Command Definitions
Device operations are selected by writing specific ad-
dress and data sequences into the command register.
Writing incorrect address and data values
or writing them in the improper sequence will reset
the device to the read mode. Table 7 defines the valid
register command sequences. Note that the
Erase Suspend (B0H) and Erase Resume (30H) com-
mands are valid only while the Sector Erase operation
is in progress. Moreover, both Reset/Read commands
are functionally equivalent, resetting the device to the
read mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com