Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220S-R33-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # RL1220S-R33-F
Description  RP series, RPH series,high-power metal film chip resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL1220S-R33-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  RL1220S-R33-F Datasheet HTML 1Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 2Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 3Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 4Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 5Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
RP1005
RP1608
RP2012
1 (F), 2 (G), 5 (J)
0
+200 (S)
40 125 C
40 125 C
40 125 C
E-24
P*R
0.1 47
1/ 6W
1/5W
1/ 3W
1 (F), 2 (G), 5 (J)
0
+200 (S)
E-24
P*R
P*R
0.1 68
RPH1608
1/4W
1 (F), 2 (G), 5 (J)
0
+350 (T)
E-12
0.01 0.082
1 (F), 2 (G), 5 (J)
0
+200 (S)
E-24
11 100
0
+350 (T)
0.1 10
NEW
10,000pcs/ reel
5,000pcs/ reel
5,000pcs/ reel
5,000pcs/ reel
susumu group catalog
RP 1608 S - 102 - F
RP series, RPH series,high-power
metal film chip resistors
Resistors with high power in small size are realized as 1/3W for 2.0 1.25mm(0805) size,
1/5W for 1.6 0.8mm(0603) size and 1/6W for 1.0 0.5mm(0402 size).
A tight resistance tolerance at
1% is achieved.
SPECIFICATIONS
Electrical
Mechanical
PART NUMBER
• Please contact us for specific resistance to surge voltage.
• Please contact us for 0.1 or lower(TCR 0 - +350ppm/ C) resistance value in RP1005,RP1608,RP2012.
Resistance
Part Code
Dimensions
Temperature Coefficient of Resistance
Resistance Tolerance
Type
Power
Package
Max Operating
Voltage for an element
Resistance Value
Operating Temp. Rating
Tolerance %(code)
Resistance Range ( )
( unit : mm)
TCR ppm / C(code)
RPH1608 resistors with more high power are realized as 1/4W for 1.6 0.8mm(0603) size.
NEW
L
W
T
A
B
Completely lead free
RoHS compliant
RP1005
(0402)
L
W
A
B
T
0.15 0.10
0.35 0.15/ 0.10
0.25 0.10
0.35 0.10
RP2012
(0805)
2.0 0.2
1.25 0.2
0.4 0.2
0.4 0.2
0.4 0.1
RP1608 (0603)
RPH1608
1.6 0.20
0.8 0.10
0.2 0.15
0.25 0.20
0.45 0.10
Dimension
(Inch Size)
1.0 0.05
0.5 0.05
0.15 0.10
Single side
structure
Double sides structure
R
≦0.16


Similar Part No. - RL1220S-R33-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RL1220S-R12-F ETC-RL1220S-R12-F Datasheet
1Mb / 2P
Low resistance chip resistors (short side terminal)
logo
Skyworks Solutions Inc.
RL1220S-R20-F SKYWORKS-RL1220S-R20-F Datasheet
1Mb / 18P
Li-Ion/Polymer Linear Battery Charger
More results

Similar Description - RL1220S-R33-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RGH1005-2B ETC2-RGH1005-2B Datasheet
50Kb / 1P
RGH series,high-power and high-precision metal film chip resistors
RR1220P-101-D ETC2-RR1220P-101-D Datasheet
52Kb / 1P
RR series, high-precision metal film chip resistors
RR1220P-103-D ETC-RR1220P-103-D Datasheet
52Kb / 1P
RR series, high-precision metal film chip resistors
RR1220P-2490-D-M ETC-RR1220P-2490-D-M Datasheet
52Kb / 1P
RR series, high-precision metal film chip resistors
RR1220P-4991-D-M ETC-RR1220P-4991-D-M Datasheet
52Kb / 1P
RR series, high-precision metal film chip resistors
PRL1632-R100-F-T5 ETC2-PRL1632-R100-F-T5 Datasheet
165Kb / 6P
RP series, RPH series,high-power metal film chip resistors
RR0306P-101-D ETC2-RR0306P-101-D Datasheet
51Kb / 1P
RR series, high-precision metal film chip resistors
RR0510P-511-D ETC2-RR0510P-511-D Datasheet
51Kb / 1P
RR series, high-precision metal film chip resistors
RR0510P-392-D ETC2-RR0510P-392-D Datasheet
52Kb / 1P
RR series, high-precision metal film chip resistors
RP2012T-1R0-F ETC2-RP2012T-1R0-F Datasheet
61Kb / 1P
RP series, RPH series,high-power metal film chip resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com