Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220S-R33-F Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # RL1220S-R33-F
Description  RP series, RPH series,high-power metal film chip resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL1220S-R33-F Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  RL1220S-R33-F Datasheet HTML 1Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 2Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 3Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 4Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 5Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Operations temperature,
‐55∼170℃ high stability.
Tight resistance tolerance of
1%,and TCR of
50ppm.
SPECIFICATIONS
Electrical
PART NUMBER
Mechanical
susumu group catalog
Foil type RL series,
low resistance value chip resistors
for high-precision current detection.
RL 3264 - 6 - R002 - F N
Resistance Tolerance
Given to the RoHS compliant products
Resistance
Power:H (1/2W), 6(1W), 9(2W)
Dimensions
Part Code
(unit:mm)
5%(J)
RL-3264-6
RL-3264-9V
RL-3264-6C
1W
2W
RL1632H
1/2W
275
200
100
50
150
100
50
12
3 45 10
1
275
1 2
150
3 4
50
5 11
23 10
11 100
11 150
1m
step
1m
step
1m
step
2,000pcs/reel
‐55∼170℃
E 24
E 24
2,000pcs/reel
‐55∼170℃
2,000pcs/reel
‐55∼170℃
1%(F)
5%(J)
2%(G)
5%(J)
2%(G)
5%(J)
Type
Power
Tolerance %(code)
Resistance Range(m )
Resistance Value
Package
Operating Temp. Range
TCR ppm / C
1%(F)
5%(J)
1%(F)
5%(J)
Completely lead free
RoHS compliant
Fixed metal foil
L
W
A
B
T
3.20 0.33(1-4m )
3.20 0.20(5-150m )
1.60 0.33(1-4m )
1.60 0.20(5-150m )
6.35 0.25
3.20 0.20
6.35 0.25
3.20 0.20
1.00 0.25(≧6m )
2.50 0.15(1m )
1.90 0.15(2m )
6.35 0.25
3.18 0.25
2.21 0.25(1-4m )
1.19 0.25(5-6m )
0.76 0.25(7-11m )
0.65 0.15(1-2m )
0.50 0.15(3-4m )
0.80 0.15(5-150m )
0.70 0.15(1m )
0.65 0.15(2m )
1.05 0.15(3-5m )
0.80 0.15(≧6m )
1.30 0.25(1m )
1.20 0.25(2-4m )
1.00 0.25(5-11m )
1.25 0.20(1m )
0.50 0.20(2-4m )
0.50 0.15(5-150m )
L
W
T
B
A
RL1632H
(1206)
RL-3264-6
(2512)
RL-3264-6C
(2512)
RL-3264-9V
(2512)
Dimension
(Inch Size)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com