Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RL1220S-R33-F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RL1220S-R33-F
Description  RP series, RPH series,high-power metal film chip resistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RL1220S-R33-F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RL1220S-R33-F Datasheet HTML 1Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 2Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 3Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 4Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 5Page - List of Unclassifed Manufacturers RL1220S-R33-F Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RL series, PRL series
low resistance value chip
resistors with long-side electrodes
for high-precision current detection.
RL 3720W T - R10 - F - (T1)
Resistance Value:RLseries:3 digits, PRL series :4 digits
Temperature Coefficient of Resistacce:To be added as for RLseries
Taping Quantity Unit:PRL:T1(1000pcs) T5(5000pcs)
Resistance Tolerance
SPECIFICATIONS
Mechanical
Electrical
PART NUMBER
susumu group catalog
Excellent performance in resistance tolerance, noise, long term stability and heat dissipation.
Our unique structure enables further miniaturization. This low resistance value chip resistor is
useful in many current sensing applications. We offer 1/2,1,2 watt power handling thin film resistors.
Very low resistance and low ELS, supplying ripple free signals.
Dimension
(Inch Size)
RL3720
(1508)
RL3720W
(1508)
RL7520W
(3008)
L
W
A
B
T
3.75 0.30
2.00 0.20
0.40 0.20
0.40 0.20
0.40 0.10
3.75 0.30
2.00 0.20
0.40 0.20
0.40 0.20
0.45 0.15/ 0.10
7.50 0.30
2.00 0.20
0.40 0.20
0.40 0.20
0.45 0.15/ 0.10
Dimension
(Inch Size)
PRL0816
(0603)
L
W
B
T
1.6 0.2
0.8 0.2
0.2 0.1
0.4 0.1
PRL1220
(0805)
2.0 0.2
1.25 0.2
0.35 0.15
0.5 0.1
PRL1632
(1206)
3.2 0.2
1.6 0.2
0.45 0.15
0.5 0.1
PRL3264
(2512)
6.4 0.2
3.2 0.2
0.9 0.15
0.5 0.1
NEW
NEW
PRL1632 are realized as 1W for 3.2
×1.6mm(1206)
• PRL series with resistance value more than 100m ohm are also available.
RoHS compliant
( unit : mm)
( unit : mm)
Type
Power
1%(F)
PRL0816
1/3W
PRL1220
2/3W
PRL1632
1W
PRL3264
2W
15m
: 0 350ppm/ C
18m 27m : 0 200ppm/ C
33m 68m : 100ppm/ C
75m 100m :
50ppm/ C
7m 9m
: 0 350ppm/ C
10m 18m
: 0 200ppm/ C
20m 51m
:
100ppm/ C
56m 100m :
50ppm/ C
9m ≧
: 0 350ppm/ C
10m 18m
: 0 200ppm/ C
20m 51m
:
100ppm/ C
56m 100m :
50ppm/ C
E 24
1,000pcs/reel(T1) 5,000pcs/reel(T5)
10m 39m,25m
0.5%(D)
1%(F)
43m 100m,50m
2%(G)
7m 9m
1%(F)
2%(G)
10m 43m
0.5%(D)
1%(F) 2%(G)
47m 100m
1%(F)
2%(G)
5m 9m
0.5%(D)
1%(F) 2%(G)
10m 100m,25m
5%(J)
3m 4m
2%(G)
5m 9m
1%(F)
2%(G)
10m 43m ,25m
0.5%(D)
1%(F) 2%(G)
47m 100m,50m
Tolerance %(code)
Resistance Range ( )
TCR ppm / C(code)
Resistance Value
Package
Part Code
Dimensions
NEW
1%(F)
2%(G)
1%(F)
2%(G)
RL7520W
2W
0.001 0.004
0.010 0.091 0.1 0.47
0.005 0.009
E 24
RL3720
1/2W
0 200(S)
0 350(T)
0 100(R)
0.022 0.068 0.1 2.2
E 6
1%(F)
2%(G)
RL3720W
1W
0 200(S)
0 350(T)
0 50(Q)
0 100(R)
0 200(S)
0.010 0.091
0.005 0.009
0 350(T)
0.1 1.0
E 24
4000pcs/reel
0 350(T)
0.01 0.018
0.001 0.004
0 100(R)
0 350(T)
0 50(Q)
0 100(R)
0 200(S)
0 200(S)
0 800(T)
0 200(S)
0 420(T)
Type
Power
Tolerance %(code)
Resistance Range ( )
TCR ppm / C(code)
Resistance Value
Package
RL, PRL
W
L
A
T
B



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com