Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM338K Datasheet(PDF) 12 Page - STMicroelectronics

Part # LM338K
Description  Three-terminal 5 A adjustable voltage regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM338K Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LM338K Datasheet HTML 8Page - STMicroelectronics LM338K Datasheet HTML 9Page - STMicroelectronics LM338K Datasheet HTML 10Page - STMicroelectronics LM338K Datasheet HTML 11Page - STMicroelectronics LM338K Datasheet HTML 12Page - STMicroelectronics LM338K Datasheet HTML 13Page - STMicroelectronics LM338K Datasheet HTML 14Page - STMicroelectronics LM338K Datasheet HTML 15Page - STMicroelectronics LM338K Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
Typical application
LM138 - LM238 - LM338
12/23
6
Typical application
Needed if device is far from filter capacitors.
* Optional-improves transient response. Output capacitors in the range of 1mF to 100mF of aluminium or
tantalum electrolytic are commonly used to provide improved output impedance and rejection of transients
** VO = 1.25 V (1 + R2/R1)
*** R1 = 240 Ω for LM138 and LM238
Figure 17.
1.2 V to 25 V adjustable regulator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com