Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM338K Datasheet(PDF) 14 Page - STMicroelectronics

Part # LM338K
Description  Three-terminal 5 A adjustable voltage regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM338K Datasheet(HTML) 14 Page - STMicroelectronics

Back Button LM338K Datasheet HTML 10Page - STMicroelectronics LM338K Datasheet HTML 11Page - STMicroelectronics LM338K Datasheet HTML 12Page - STMicroelectronics LM338K Datasheet HTML 13Page - STMicroelectronics LM338K Datasheet HTML 14Page - STMicroelectronics LM338K Datasheet HTML 15Page - STMicroelectronics LM338K Datasheet HTML 16Page - STMicroelectronics LM338K Datasheet HTML 17Page - STMicroelectronics LM338K Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Application hints
LM138 - LM238 - LM338
14/23
0.1 µF disc as a bypass. Although the LM338 is stable with no output capacitors, like any
feedback circuit, certain values of external capacitance can cause excessive ringing. This
occurs with values between 500 pF and 5000 pF. A 1 mF solid tantalum (or 25 µF aluminium
electrolytic) on the output swamps this effect and insures stability.
7.2
Load regulation
The LM338 is capable of providing extremely good load regulation but a few precautions are
needed to obtain maximum performance. The current set resistor connected between the
adjustment terminal and the output terminal (usually 240
Ω) should be tied directly to the
output of the regulator rather than near the load. This eliminates line drops from appearing
effectively in series with the reference and degrading regulation. For example, a 15 V
regulator with 0.05
Ω resistance between the regulator and load will have a load regulation
due to line resistance of 0.05
Ω x IL. If the set resistor is connected near the load the
effective line resistance will be 0.05
Ω (1 + R2/R1) or in this case, 11.5 times worse. Figure 4
on page 8 shows the effect of resistance between the regulator and 140
Ω set resistor. With
the TO-3 package, it is easy to minimize the resistance from the case to the set resistor, by
using 2 separate leads to the case. The ground of R2 can be returned near the ground of the
load to provide remote ground sensing and improve load regulation.
7.3
Protection diodes
When external capacitors are used with any IC regulator it is sometimes necessary to add
protection diodes to prevent the capacitors from discharging through low current points into
the regulator. Most 20 µF capacitors have low enough internal series resistance to deliver
20 A spikes when shorted. Although the surge is short, there is enough energy to damage
parts of the IC. When an output capacitor is connected to a regulator and the input is
shorted, the output capacitor will discharge into the output of the regulator. The discharge
current depends on the value of the capacitor, the output voltage of the regulator, and the
rate of decrease of VI. In the LM338 this discharge path is through a large junction that is
able to sustain 25 A surge with no problem. This is not true of other types of positive
regulators. For output capacitors of 100 µF or less at output of 15 V or less, there is no need
to use diodes.The bypass capacitor on the adjustment terminal can discharge through a low
current junction. Discharge occurs when either the input or output is shorted. Internal to the
LM338 is a 50
Ω resistor which limits the peak discharge current. No protection is needed
for output voltages of 25 V or less and 10 µF capacitance. Figure 5 on page 8 shows an
LM338 with protection diodes included for use with outputs greater than 25 V and high
values of output capacitance output capacitance an LM338 with protection diodes included
for use with outputs greater than 25 V and high values of output capacitance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com