Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM338K Datasheet(PDF) 13 Page - STMicroelectronics

Part # LM338K
Description  Three-terminal 5 A adjustable voltage regulators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM338K Datasheet(HTML) 13 Page - STMicroelectronics

Back Button LM338K Datasheet HTML 9Page - STMicroelectronics LM338K Datasheet HTML 10Page - STMicroelectronics LM338K Datasheet HTML 11Page - STMicroelectronics LM338K Datasheet HTML 12Page - STMicroelectronics LM338K Datasheet HTML 13Page - STMicroelectronics LM338K Datasheet HTML 14Page - STMicroelectronics LM338K Datasheet HTML 15Page - STMicroelectronics LM338K Datasheet HTML 16Page - STMicroelectronics LM338K Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LM138 - LM238 - LM338
Application hints
13/23
7
Application hints
In operation, the LM338 develops a nominal 1.25 V reference voltage, V(REF), between the
output and adjustment terminal. The reference voltage is impressed across program resistor
R1 and, since the voltage is constant, a constant current I1 then flows through the output set
resistor R2, giving an output voltage of
VO = V(REF) (1+ R2/R1) + IADJR2
Since the 50 µA current from the adjustment terminal represents an error term, the LM338
was designed to minimize IADJ and make it very constant with line and load changes. To do
this, all quiescent operating current is returned to the output establishing a minimum load
current requirement. If there is insufficient load on the output, the output will rise.
7.1
External capacitors
An input bypass capacitor is recommended. A 0.1 µF disc or 1 µF solid tantalum on the input
is suitable input by passing for almost all applications. The device is more sensitive to the
absence of input bypassing when adjustment or output capacitors are used by the above
values will eliminate the possibility of problems. The adjustment terminal can be bypassed
to ground on the LM338 to improve ripple rejection. This bypass capacitor prevents ripple
form being amplified as the output voltage is increased. With a 10 µF bypass capacitor 75
dB ripple rejection is obtainable at any output level. Increases over 20 µF do not appreciably
improve the ripple rejection at frequencies above 120 Hz. If the bypass capacitor is used, it
is sometimes necessary to include protection diodes to prevent the capacitor from
discharging through internal low current paths and damaging the device. In general, the best
type of capacitors to use are solid tantalum. Solid tantalum capacitors have low impedance
even at high frequencies. Depending upon capacitor construction, it takes about 25 µF in
aluminum electrolytic to equal 1 µF solid tantalum at high frequencies. Ceramic capacitors
are also good at high frequencies, but some types have a large decrease in capacitance at
frequencies around 0.5 MHz. For this reason, 0.01 µF disc may seem to work better than a
Figure 18.
Application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com