Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339AD Datasheet(PDF) 7 Page - STMicroelectronics

Part # LM339AD
Description  Low-power quad voltage comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM339AD Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LM339AD Datasheet HTML 3Page - STMicroelectronics LM339AD Datasheet HTML 4Page - STMicroelectronics LM339AD Datasheet HTML 5Page - STMicroelectronics LM339AD Datasheet HTML 6Page - STMicroelectronics LM339AD Datasheet HTML 7Page - STMicroelectronics LM339AD Datasheet HTML 8Page - STMicroelectronics LM339AD Datasheet HTML 9Page - STMicroelectronics LM339AD Datasheet HTML 10Page - STMicroelectronics LM339AD Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LM139, LM239, LM339
Typical applications
Doc ID 2159 Rev 2
7/16
5
Typical applications
Figure 7.
Basic comparator
Figure 8.
Driving CMOS
V
CC
= 5 V
15 k
Ω
V
O
+V
(ref)
1/4
LM139
-V
(ref)
5 V
100 k
Ω
&
1/ 4
LM139
+V
(ref)
-V
(ref)
Figure 9.
Driving TTL
Figure 10.
Low frequency op amp
5 V
10 k
Ω
+V
(ref)
&
&
1/ 4
LM139
-V
(ref)
5 V
15 k
Ω
e
o
0.5
μF
100 k
Ω
e
l
1 k
Ω
~
1/4
LM139
A
V = 100
Figure 11.
Low frequency op amp
Figure 12.
Transducer amplifier
5 V
15 k
Ω
0.5
μF
100 k
Ω
1 k
Ω
~
2N 2222
(e
o = 0 V for el = 0 V)
1/ 4
LM139
e
o
e
l
A
V = 100
5 V
10 k
Ω
e
o
20 M
Ω
3 k
Ω
Magnetic pick-up
10 k
Ω
1/ 4
LM139



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com