Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339AD Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM339AD
Description  Low-power quad voltage comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM339AD Datasheet(HTML) 5 Page - STMicroelectronics

  LM339AD Datasheet HTML 1Page - STMicroelectronics LM339AD Datasheet HTML 2Page - STMicroelectronics LM339AD Datasheet HTML 3Page - STMicroelectronics LM339AD Datasheet HTML 4Page - STMicroelectronics LM339AD Datasheet HTML 5Page - STMicroelectronics LM339AD Datasheet HTML 6Page - STMicroelectronics LM339AD Datasheet HTML 7Page - STMicroelectronics LM339AD Datasheet HTML 8Page - STMicroelectronics LM339AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LM139, LM239, LM339
Electrical characteristics
Doc ID 2159 Rev 2
5/16
trel
Large signal response time
RL= 5.1 kΩ connected to VCC
+, e
l = TTL,
V(ref) = +1.4 V
300
300
ns
1.
At output switch point, Vo ≈ 1.4 V, VCC
+ from 5 V to 30 V, and over the full common-mode range (0 V to V
CC
+ -1.5 V).
2.
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant,
independent of the state of the output, so no loading charge exists on the reference of input lines.
3.
The input common-mode voltage of either input signal voltage should not be allowed to go negative by more than 0.3 V.
The upper end of the common-mode voltage range is VCC
+ -1.5 V, but either or both inputs can go to +30 V without
damage.
4.
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the
common-mode range, the comparator will provide a proper output state. The low input voltage state must not be less than
-0.3 V (or 0.3 V below the negative power supply, if used).
5.
The response time specified is for a 100 mV input step with 5 mV overdrive. For larger overdrive signals, 300 ns can be
obtained.
Table 3.
Electrical characteristics at VCC
+ = +5 V, V
CC
-= GND, T
amb = +25° C
(unless otherwise specified) (continued)
Symbol
Parameter
LM139A - LM239A
LM339A
LM139 - LM239
LM339
Unit
Min.
Typ.
Max.
Min
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com