Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM339AD Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM339AD
Description  Low-power quad voltage comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM339AD Datasheet(HTML) 4 Page - STMicroelectronics

  LM339AD Datasheet HTML 1Page - STMicroelectronics LM339AD Datasheet HTML 2Page - STMicroelectronics LM339AD Datasheet HTML 3Page - STMicroelectronics LM339AD Datasheet HTML 4Page - STMicroelectronics LM339AD Datasheet HTML 5Page - STMicroelectronics LM339AD Datasheet HTML 6Page - STMicroelectronics LM339AD Datasheet HTML 7Page - STMicroelectronics LM339AD Datasheet HTML 8Page - STMicroelectronics LM339AD Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Electrical characteristics
LM139, LM239, LM339
4/16
Doc ID 2159 Rev 2
3
Electrical characteristics
Table 3.
Electrical characteristics at VCC
+ = +5 V, V
CC
-= GND, T
amb = +25° C
(unless otherwise specified)
Symbol
Parameter
LM139A - LM239A
LM339A
LM139 - LM239
LM339
Unit
Min.
Typ.
Max.
Min
Typ.
Max.
VIO
Input offset voltage (1)
Tmin ≤Tamb ≤Tmax
12
4
15
9
mV
IIO
Input offset current
Tmin ≤Tamb ≤Tmax
325
100
550
150
nA
IIB
Input bias current (I+ or I-) (2)
Tmin ≤Tamb ≤Tmax
25
100
300
25
250
400
nA
AVD
Large signal voltage gain
VCC = 15 V, RL = 15 kΩ, Vo = 1 V to 11 V
50
200
50
200
V/mV
ICC
Supply current (all comparators)
VCC = +5 V, no load
VCC = +30 V, no load
1.1
1.3
2
2.5
1.1
1.3
2
2.5
mA
VICM
Input common mode voltage range (3)
VCC = 30 V
Tmin ≤Tamb ≤Tmax
0
0
VCC
+ -1.5
VCC
+ -2
0
0
VCC
+ -1.5
VCC
+ -2
V
VID
Differential input voltage (4)
VCC
+
VCC
+
V
VOL
Low level output voltage
VID = -1 V, ISINK = 4 mA
Tmin ≤Tamb ≤Tmax
250
400
700
250
400
700
mV
IOH
High level output current
VCC = Vo = 30 V, VID = 1 V
Tmin ≤Tamb ≤Tmax
0.1
1
0.1
1
nA
μA
ISINK
Output sink current
VID= 1 V, Vo = 1.5 V
6
16
6
16
mA
tre
Response time (5)
RL= 5.1 kΩ connected to VCC
+
1.3
1.3
μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com