Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 110 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 110 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 106Page - STMicroelectronics PSD813F2 Datasheet HTML 107Page - STMicroelectronics PSD813F2 Datasheet HTML 108Page - STMicroelectronics PSD813F2 Datasheet HTML 109Page - STMicroelectronics PSD813F2 Datasheet HTML 110Page - STMicroelectronics PSD813F2 Datasheet HTML 111Page - STMicroelectronics PSD813F2 Datasheet HTML 112Page - STMicroelectronics PSD813F2 Datasheet HTML 113Page - STMicroelectronics PSD813F2 Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 128 page
background image
AC/DC parameters
PSD8XXFX
110/128
Doc ID 7833 Rev 7
tAVPV
Address input valid to address output delay
(5)
33
35
40
ns
tWLMV
WR valid to port output valid using
macrocell register Preset/Clear
(2)(6)
70
70
80
ns
1.
Any input used to select an internal PSD function.
2.
WR has the same timing as E, LDS, UDS, WRL, and WRH signals.
3.
tWHAX2 is the address hold time for DPLD inputs that are used to generate Sector Select signals for internal PSD memory.
4.
Assuming WRITE is active before data becomes valid.
5.
In multiplexed mode, latched address generated from ADIO delay to address output on any port.
6.
Assuming data is stable before active WRITE signal.
Table 59.
WRITE timing (3 V devices) (continued)
Symbol
Parameter
Conditions
-12
-15
-20
Unit
Min
Max Min
Max Min
Max
Table 60.
Program, WRITE and Erase times (5 V devices)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Flash Program
8.5
s
Flash Bulk Erase (pre-programmed)(1)
330
s
Flash Bulk Erase (not pre-programmed)
5
s
tWHQV3
Sector Erase (pre-programmed)
1
30
s
tWHQV2
Sector Erase (not pre-programmed)
2.2
s
tWHQV1
Byte Program
14
1200
µs
Program/Erase cycles (per sector)
100,000
cycles
tWHWLO
Sector Erase timeout
100
µs
tQ7VQV
DQ7 valid to output (DQ7-DQ0) valid (data polling)(2)
30
ns
1.
The whole memory is programmed to 00h before erase.
2.
The polling status, DQ7, is valid tQ7VQV time units before the data byte, DQ0-DQ7, is valid for reading.
Table 61.
Program, WRITE and Erase times (3 V devices)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Flash Program
8.5
s
Flash Bulk Erase (pre-programmed)(1)
330
s
Flash Bulk Erase (not pre-programmed)
5
s
tWHQV3
Sector Erase (pre-programmed)
1
30
s
tWHQV2
Sector Erase (not pre-programmed)
2.2
s
tWHQV1
Byte Program
14
1200
µs
Program / Erase Cycles (per sector)
100,000
cycles
tWHWLO
Sector Erase timeout
100
µs
tQ7VQV
DQ7 valid to Output (DQ7-DQ0) valid (data polling)(2)
30
ns
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com