Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 114 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 114 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 110Page - STMicroelectronics PSD813F2 Datasheet HTML 111Page - STMicroelectronics PSD813F2 Datasheet HTML 112Page - STMicroelectronics PSD813F2 Datasheet HTML 113Page - STMicroelectronics PSD813F2 Datasheet HTML 114Page - STMicroelectronics PSD813F2 Datasheet HTML 115Page - STMicroelectronics PSD813F2 Datasheet HTML 116Page - STMicroelectronics PSD813F2 Datasheet HTML 117Page - STMicroelectronics PSD813F2 Datasheet HTML 118Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 128 page
background image
AC/DC parameters
PSD8XXFX
114/128
Doc ID 7833 Rev 7
Figure 49.
ISC timing
ISCCH
TCK
TDI/TMS
ISC OUTPUTS/TDO
ISC OUTPUTS/TDO
t
ISCCL
t
ISCPH
t
ISCPSU
t
ISCPVZ
t
ISCPZV
t
ISCPCO
t
AI02865
Table 68.
ISC timing (5 V devices)
Symbol
Parameter
Conditions
-70
-90
-15
Unit
Min Max Min Max Min Max
tISCCF
Clock (TCK, PC1) frequency (except for
PLD)
(1)
20
18
14
MHz
tISCCH
Clock (TCK, PC1) high time (except for
PLD)
(1)
23
26
31
ns
tISCCL
Clock (TCK, PC1) low time (except for
PLD)
(1)
23
26
31
ns
tISCCFP
Clock (TCK, PC1) frequency (PLD only)
(2)
22
2
MHz
tISCCHP
Clock (TCK, PC1) high time (PLD only)
(2)
240
240
240
ns
tISCCLP
Clock (TCK, PC1) low time (PLD only)
(2)
240
240
240
ns
tISCPSU
ISC port setup time
7
8
10
ns
tISCPH
ISC port hold up time
5
5
5
ns
tISCPCO
ISC port clock to output
21
23
25
ns
tISCPZV
ISC port high-impedance to valid output
21
23
25
ns
tISCPVZ
ISC port valid output to
high-Impedance
21
23
25
ns
1.
For non-PLD Programming, Erase or in ISC by-pass mode.
2.
For program or erase PLD only.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com