Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD813F2 Datasheet(PDF) 112 Page - STMicroelectronics

Part # PSD813F2
Description  Flash in-system programmable (ISP) peripherals
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD813F2 Datasheet(HTML) 112 Page - STMicroelectronics

Back Button PSD813F2 Datasheet HTML 108Page - STMicroelectronics PSD813F2 Datasheet HTML 109Page - STMicroelectronics PSD813F2 Datasheet HTML 110Page - STMicroelectronics PSD813F2 Datasheet HTML 111Page - STMicroelectronics PSD813F2 Datasheet HTML 112Page - STMicroelectronics PSD813F2 Datasheet HTML 113Page - STMicroelectronics PSD813F2 Datasheet HTML 114Page - STMicroelectronics PSD813F2 Datasheet HTML 115Page - STMicroelectronics PSD813F2 Datasheet HTML 116Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 128 page
background image
AC/DC parameters
PSD8XXFX
112/128
Doc ID 7833 Rev 7
Figure 47.
Peripheral I/O WRITE timing
Table 63.
Port A Peripheral Data mode READ timing (3V devices)
Symbol
Parameter
Conditions
-12
-15
-20
Turbo
off
Unit
Min Max Min Max Min
Max
tAVQV–PA
Address valid to data valid
(1)
50
50
50
+ 20
ns
tSLQV–PA
CSI valid to data valid
37
45
50
+ 20
ns
tRLQV–PA
RD to data valid
(2)(3)
37
40
45
ns
RD to data valid 8031 mode
45
45
50
ns
tDVQV–PA
Data In to data Out valid
38
40
45
ns
tQXRH–PA
RD data hold time
0
0
0
ns
tRLRH–PA
RD pulse width
(2)
36
36
46
ns
tRHQZ–PA
RD to data high-Z
(2)
36
40
45
ns
1.
Any input used to select port A Data Peripheral mode.
2.
RD has the same timing as DS, LDS, UDS, and PSEN (in 8031 combined mode).
3.
Data is already stable on port A.
tDVQV (PA)
tWLQV
(PA)
tWHQZ (PA)
ADDRESS
DATA OUT
A / D BUS
WR
PORT A
DATA OUT
ALE /AS
AI02898
Table 64.
Port A Peripheral Data mode WRITE timing (5 V devices)
Symbol
Parameter
Conditions
-70
-90
-15
Unit
Min Max Min
Max Min Max
tWLQV–PA
WR to data propagation delay
(1)
25
35
40
ns
tDVQV–PA
Data to port A data propagation delay
(2)
22
30
38
ns
tWHQZ–PA
WR invalid to port A tri-state
(1)
20
25
33
ns
1.
WR has the same timing as the E, LDS, UDS, WRL, and WRH signals.
2.
Data stable on ADIO pins to data on port A.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com