Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05LTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # SEA05LTR
Description  Advanced constant voltage and constant current controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05LTR Datasheet(HTML) 1 Page - STMicroelectronics

  SEA05LTR Datasheet HTML 1Page - STMicroelectronics SEA05LTR Datasheet HTML 2Page - STMicroelectronics SEA05LTR Datasheet HTML 3Page - STMicroelectronics SEA05LTR Datasheet HTML 4Page - STMicroelectronics SEA05LTR Datasheet HTML 5Page - STMicroelectronics SEA05LTR Datasheet HTML 6Page - STMicroelectronics SEA05LTR Datasheet HTML 7Page - STMicroelectronics SEA05LTR Datasheet HTML 8Page - STMicroelectronics SEA05LTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary data
This is preliminary information on a new product now in development or undergoing evaluation. Details are subject to
change without notice.
February 2011
Doc ID 18462 Rev 1
1/12
1
SEA05L
Advanced constant voltage and constant current controller
with very efficient LED pilot-lamp driver
Features
■ Constant voltage and constant current control
■ Very efficient LED pilot-lamp driver
■ Wide operating VCC range (3.5 V - 36 V)
■ Low quiescent consumption: 250 µA
■ Voltage reference: 2.5 V
■ Voltage control loop accuracy ± 0.5%
■ Current sense threshold: 50 mV
■ Current control loop accuracy ± 4%
■ Low external component count
■ Open-drain output stage
■ SOT23-6L package
Applications
■ AC-DC adapter with LED pilot-lamp
■ Battery chargers with LED pilot-lamp
■ SMPS with LED pilot-lamp
Description
The device is a highly integrated solution for
SMPS applications, with an LED pilot-lamp
requiring a dual control loop to perform CV
(constant voltage) and CC (constant current)
regulation.
The IC allows very efficient LED pilot-lamp driving
which helps to reduce the standby consumption of
the SMPS. It integrates a voltage reference, two
op-amps (with OR-ed open-drain outputs), a low-
side current sensing circuit and an LED pilot-lamp
driver pin implemented with an open-drain mosfet
driven by square waveform with 12.5% duty cycle
at 1 kHz that allows reducing LED consumption.
Figure 1.
Block diagram
The voltage reference, along with one op-amp, is
the core of the voltage control loop. The current
sensing circuit and the other op-amp make up the
current control loop.
The external components needed to complete the
two control loops are:
- a resistor divider that senses the output of the
power supply and fixes the voltage regulation
setpoint at the specified value
- a sense resistor that feeds the current sensing
circuit with a voltage proportional to the DC output
current; this resistor determines the current
regulation setpoint and must be adequately rated
in terms of power dissipation
- the frequency compensation components (R-C
networks) for both loops.
The device is ideal for space-critical applications.
Table 1.
Device summary
Order code
Package
Packing
SEA05LTR
SOT23-6L
Tape & reel
SOT23-6L (plastic package)
Out
LD
Vctrl
Isense
+
-
+
-
1.23 V
2.5 V
1
2
5
3
4
6
VCC
50m V
OSC
GND
www.st.com


Similar Part No. - SEA05LTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SEA05LTR STMICROELECTRONICS-SEA05LTR Datasheet
282Kb / 12P
Advanced constant voltage and constant current controller with very efficient LED pilot-lamp driver
23-Feb-2011
More results

Similar Description - SEA05LTR

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
STMicroelectronics
SEA05TR STMICROELECTRONICS-SEA05TR Datasheet
248Kb / 11P
Advanced constant voltage and constant current controller
26-Apr-2010
logo
BCD Semiconductor Manuf...
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
logo
STMicroelectronics
SEA05 STMICROELECTRONICS-SEA05 Datasheet
261Kb / 10P
Advanced constant voltage and constant current controller
26-Apr-2010
logo
Diodes Incorporated
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com