Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05LTR Datasheet(PDF) 10 Page - STMicroelectronics

Part # SEA05LTR
Description  Advanced constant voltage and constant current controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05LTR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SEA05LTR Datasheet HTML 4Page - STMicroelectronics SEA05LTR Datasheet HTML 5Page - STMicroelectronics SEA05LTR Datasheet HTML 6Page - STMicroelectronics SEA05LTR Datasheet HTML 7Page - STMicroelectronics SEA05LTR Datasheet HTML 8Page - STMicroelectronics SEA05LTR Datasheet HTML 9Page - STMicroelectronics SEA05LTR Datasheet HTML 10Page - STMicroelectronics SEA05LTR Datasheet HTML 11Page - STMicroelectronics SEA05LTR Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Package mechanical data
SEA05L
10/12
Doc ID 18462 Rev 1
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Note:
Dimensions per JEDEC MO178AB
Figure 7.
SOT23-6L (2.90 mm x 2.80 mm) package mechanical drawing
Table 6.
SOT23-6L (2.90 mm x 2.80 mm) package mechanical data
Sym
mm
inches
Min
Typ
Max
Min
Typ
Max
A
1.45
0.057
A1
0.00
0.15
0.000
0.006
A2
0.90
1.15
1.30
0.035
0.045
0.051
b
0.30
0.50
0.012
0.020
c
0.08
0.22
0.003
0.009
D
2.90
0.114
E
2.80
0.110
E1
1.60
0.063
e
0.95
0.037
e1
1.90
0.075
L
0.30
0.45
0.60
0.012
0.018
0.024
è
0°
4°
8°
0°
4°
8°
N
6
6
7049717_G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com