Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SEA05LTR Datasheet(PDF) 4 Page - STMicroelectronics

Part # SEA05LTR
Description  Advanced constant voltage and constant current controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SEA05LTR Datasheet(HTML) 4 Page - STMicroelectronics

  SEA05LTR Datasheet HTML 1Page - STMicroelectronics SEA05LTR Datasheet HTML 2Page - STMicroelectronics SEA05LTR Datasheet HTML 3Page - STMicroelectronics SEA05LTR Datasheet HTML 4Page - STMicroelectronics SEA05LTR Datasheet HTML 5Page - STMicroelectronics SEA05LTR Datasheet HTML 6Page - STMicroelectronics SEA05LTR Datasheet HTML 7Page - STMicroelectronics SEA05LTR Datasheet HTML 8Page - STMicroelectronics SEA05LTR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Operation
SEA05L
4/12
Doc ID 18462 Rev 1
3Vctrl
Inverting input of the voltage loop op-amp. The pin is typically used for the
voltage control loop and is connected to the midpoint of a resistor divider
that senses the output voltage.
4LD
Open-drain output able to sink 5 mA (peak), driven by the internal oscillator
at 1 kHz square waveform with 12.5% duty cycle. The internal mosfet starts
to switch when VCC is above the turn-on threshold (typ. 3 V) and it is off (LD
high impedance) when VCC is below the UVLO of the IC. The pin can be
connected to an external LED pilot-lamp with a resistor in series in order to
limit the LED current
5OUT
Common open-drain output of the two internal op-amps. The pin, only able
to sink current, is typically connected to the branch of the optocoupler's
photodiode to transmit the error signal to the primary side.
6VCC
Supply voltage of the device. A small bypass capacitor (0.1 µF typ.) to GND,
located as close to the IC pins as possible, might be useful to get a clean
supply voltage.
Table 4.
Pin functions (continued)
Pin number
Name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com