Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST619LBDR Datasheet(PDF) 6 Page - STMicroelectronics

Part # ST619LBDR
Description  DC-DC converter regulated 5 V charge pump
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST619LBDR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ST619LBDR Datasheet HTML 2Page - STMicroelectronics ST619LBDR Datasheet HTML 3Page - STMicroelectronics ST619LBDR Datasheet HTML 4Page - STMicroelectronics ST619LBDR Datasheet HTML 5Page - STMicroelectronics ST619LBDR Datasheet HTML 6Page - STMicroelectronics ST619LBDR Datasheet HTML 7Page - STMicroelectronics ST619LBDR Datasheet HTML 8Page - STMicroelectronics ST619LBDR Datasheet HTML 9Page - STMicroelectronics ST619LBDR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Maximum ratings
ST619LB
6/16
4
Maximum ratings
Note:
Absolute maximum ratings are those values beyond which damage to the device may occur.
Functional operation under these condition is not implied.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VI
DC input voltage
-0.3 to 5.5
V
VO
Output voltage
-0.3 to 5.5
V
VSHDN
Shutdown input voltage
-0.3 to (VI + 0.3)
V
IO
Output current continuous
120
mA
TSTG
Storage temperature range
-55 to +150
°C
TOP
Operating junction temperature range
-40 to +85
°C
Table 4.
Thermal data
Symbol
Parameter
SO-8
Unit
RthJA
Thermal resistance junction-ambient (1)
160
°C/W
1.
This value depends from thermal design of PCB on which the device is mounted.
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com