Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST619LBDR Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST619LBDR
Description  DC-DC converter regulated 5 V charge pump
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST619LBDR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST619LBDR Datasheet HTML 3Page - STMicroelectronics ST619LBDR Datasheet HTML 4Page - STMicroelectronics ST619LBDR Datasheet HTML 5Page - STMicroelectronics ST619LBDR Datasheet HTML 6Page - STMicroelectronics ST619LBDR Datasheet HTML 7Page - STMicroelectronics ST619LBDR Datasheet HTML 8Page - STMicroelectronics ST619LBDR Datasheet HTML 9Page - STMicroelectronics ST619LBDR Datasheet HTML 10Page - STMicroelectronics ST619LBDR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ST619LB
Electrical characteristics
7/16
5
Electrical characteristics
Note:
Do not overload or short the output to ground. If the above conditions are not observed the
device may be damaged.
Table 5.
Electrical characteristics (VI = 2 to 3.6 V, C1 = C2 = 0.22 µF, C3 = C4 = 10 µF,
TA = -40 to 85°C, unless otherwise specified. Typical value are referred at TA = 25 °C)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Input voltage
2
3.6
V
VO
Output voltage
VI = 2 to 3.6V, IO =0 to 20mA
4.8
5
5.2
V
VI = 3 to 3.6V, IO=0 to 30mA
4.8
5
5.2
V
VRIPPLE Output voltage ripple
No load, Full load
100
mV
Ii
No load supply current
VI = 2 to 3V, No load
200
300
µA
VI = 3 to 3.6V, No load
75
150
ISHDN
Shutdown supply current
VI = 2 to 3.6V, No Load, VSHDN = VI
0.02
1
µA
ν
Efficiency
VI = 3V, IO =20mA
82
%
VI = 3V, IO =30mA
82
VI = 2V, IO =20mA
80
fOSC
Switching frequency
Full load
500
kHz
VIH
SHDN input threshold
0.7VI
V
VIL
SHDN input threshold
0.4
V
IIH
SHDN input current
VSHDN = VI
0.005
± 1µA
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com