Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST619LBDR Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST619LBDR
Description  DC-DC converter regulated 5 V charge pump
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST619LBDR Datasheet(HTML) 1 Page - STMicroelectronics

  ST619LBDR Datasheet HTML 1Page - STMicroelectronics ST619LBDR Datasheet HTML 2Page - STMicroelectronics ST619LBDR Datasheet HTML 3Page - STMicroelectronics ST619LBDR Datasheet HTML 4Page - STMicroelectronics ST619LBDR Datasheet HTML 5Page - STMicroelectronics ST619LBDR Datasheet HTML 6Page - STMicroelectronics ST619LBDR Datasheet HTML 7Page - STMicroelectronics ST619LBDR Datasheet HTML 8Page - STMicroelectronics ST619LBDR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
November 2007
Rev. 4
1/16
16
ST619LB
DC-DC converter regulated 5 V charge pump
Features
Regulated 5 V ±4 % charge pump
Output current guaranteed over temperature:
20 mA (VI ≥ 2 V), 30 mA (VI ≥ 3 V)
No inductors; very low EMI noise
Uses small, inexpensive capacitors
Logic controlled 1 µA max shut-down supply
current
Shut down disconnects load from input
Available in SO-8 and DIP-8 packages
Description
The ST619LB is a step-up charge pump DC-DC
converter which delivers a regulated 5 V ±4 %
output at 30 mA and over temperature. The input
voltage range is 2 V to 3.6 V (two battery cells).
It requires only four external capacitor: two
0.22 µF flying capacitors, and 10 µF capacitors at
the input and output.
Low operating supply current (typ. 200 µA) make
the device ideal for small, portable and battery
powered applications. When shut down the load
is disconnected from the input and the supply
current is typically 0.02 µA. The ST619LB is
available in SO-8 package.
SO-8
Table 1.
Device summary
Order codes
SO-8 (tape & reel)
ST619LB
ST619LBDR
www.st.com
Obsolete
Product(s)
- Obsolete
Product(s)


Similar Part No. - ST619LBDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LBDR STMICROELECTRONICS-ST619LBDR Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
More results

Similar Description - ST619LBDR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB Datasheet
254Kb / 9P
DC-DC CONVERTER REGULATED 5V CHARGE PUMP
May-2001
logo
Texas Instruments
TPS60110 TI-TPS60110 Datasheet
291Kb / 20P
REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
TPS60111 TI-TPS60111 Datasheet
278Kb / 19P
REGULATED 5-V 150-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
logo
List of Unclassifed Man...
MAS9251 ETC-MAS9251 Datasheet
331Kb / 11P
REGULATED CHARGE PUMP DC/DC CONVERTER
logo
Fairchild Semiconductor
FAN5601 FAIRCHILD-FAN5601 Datasheet
433Kb / 14P
Regulated Step-Down Charge Pump DC/DC Converter
logo
STMicroelectronics
ST619LB STMICROELECTRONICS-ST619LB_07 Datasheet
703Kb / 16P
DC-DC converter regulated 5 V charge pump
07-Nov-2007
logo
ON Semiconductor
CAT3200 ONSEMI-CAT3200 Datasheet
196Kb / 12P
Low Noise Regulated Charge Pump DC-DC Converter
May, 2010 ??Rev. 13
logo
Texas Instruments
TPS60110 TI1-TPS60110_13 Datasheet
1,005Kb / 26P
REGULATED 5-V 300-mA LOW-NOISE CHARGE PUMP DC/DC CONVERTER
logo
HEXIN SEMICONDUCTOR.
HX4004A HEXIN-HX4004A Datasheet
225Kb / 9P
Low Noise, Regulated Charge Pump DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com