Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8292 Datasheet(PDF) 7 Page - LSI Computer Systems

Part # LS8292
Description  MICRO-STEPPING MOTOR CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8292 Datasheet(HTML) 7 Page - LSI Computer Systems

Back Button LS8292 Datasheet HTML 3Page - LSI Computer Systems LS8292 Datasheet HTML 4Page - LSI Computer Systems LS8292 Datasheet HTML 5Page - LSI Computer Systems LS8292 Datasheet HTML 6Page - LSI Computer Systems LS8292 Datasheet HTML 7Page - LSI Computer Systems LS8292 Datasheet HTML 8Page - LSI Computer Systems LS8292 Datasheet HTML 9Page - LSI Computer Systems LS8292 Datasheet HTML 10Page - LSI Computer Systems LS8292 Datasheet HTML 11Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Fig.5. LS8293 APPLICATION FOR TWO PHASE MOTOR USING TWO SEPARATE DRIVERS
uC
M0
M1
DCYM
RESET/
STEP/
FWD
EN/
INH1/
PHA
PHB
Rb
Cb
Rd
Cd
TBLNK
TDCYD
+5V
+5V
5MHz
10MΩ
Cm
Cm
XTLO
XTLI
LS8293
1
2
3
4
5
6
7
9
10
20
21
EN
IN1
IN2
DGND
L6201
L6202
L6203
VDD
28
27
25
24
+Vm
Vs
O1
O2
+5V
Ru
Cu
TDCYU
13
+5V
Rh
Ch
+5V
14
THLD
BOOT1
15nF
15nF
BOOT2
220nF
VREF
L6201
L6202
L6203
+Vm
Vs
O1
O2
BOOT1
15nF
15nF
BOOT2
220nF
VREF
EN
IN1
IN2
INH2/
PHC
PHD
26
23
22
GND
GND
AGND
SENSE2
SENSE1
19
18
11
17
Vr
Vrh
17
18
Vref
Vrefh
8292-021811-7
NOTE2. Cm is chosen according to following relation:
Cm = 2(Cl – Cp) – 10pF, where Cl = Crystal load capacitance and Cp = parasitic capacitance
NOTE1. All functional options have been implemented in this application. If all options are not used, following components can be deleted:
~Rd, Ru, Cd and Cu: if no mixed-decay mode id selected.
~Rh and Ch: if holding torque is not selected. In this case Vrefh pin is tied to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com