Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8292 Datasheet(PDF) 10 Page - LSI Computer Systems

Part # LS8292
Description  MICRO-STEPPING MOTOR CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8292 Datasheet(HTML) 10 Page - LSI Computer Systems

Back Button LS8292 Datasheet HTML 5Page - LSI Computer Systems LS8292 Datasheet HTML 6Page - LSI Computer Systems LS8292 Datasheet HTML 7Page - LSI Computer Systems LS8292 Datasheet HTML 8Page - LSI Computer Systems LS8292 Datasheet HTML 9Page - LSI Computer Systems LS8292 Datasheet HTML 10Page - LSI Computer Systems LS8292 Datasheet HTML 11Page - LSI Computer Systems LS8292 Datasheet HTML 12Page - LSI Computer Systems LS8292 Datasheet HTML 13Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Fig.8. BIPOLAR DRIVER USING N-CHANNEL MOSFETS
R
Vm
HO
Vs
LO
COM
Vcc
Vb
0.1uF
+20V
HO
Vs
LO
COM
Vcc
Vb
0.1uF
+20V
IR2104
IR2104
R
Vm
HO
Vs
LO
COM
Vcc
Vb
0.1uF
+20V
HO
Vs
LO
COM
Vcc
Vb
0.1uF
+20V
IR2104
IR2104
PHA
INH1/
SENSE1
IN
SD/
PHB
IN
SD/
PHC
INH2/
SENSE2
PHD
LS8292
LS8293
Notes:
Vm ≤
100V.
All MOSFETs are IRF540N, all diodes are 1N4002
8292-061512-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com