Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8292 Datasheet(PDF) 8 Page - LSI Computer Systems

Part # LS8292
Description  MICRO-STEPPING MOTOR CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8292 Datasheet(HTML) 8 Page - LSI Computer Systems

Back Button LS8292 Datasheet HTML 4Page - LSI Computer Systems LS8292 Datasheet HTML 5Page - LSI Computer Systems LS8292 Datasheet HTML 6Page - LSI Computer Systems LS8292 Datasheet HTML 7Page - LSI Computer Systems LS8292 Datasheet HTML 8Page - LSI Computer Systems LS8292 Datasheet HTML 9Page - LSI Computer Systems LS8292 Datasheet HTML 10Page - LSI Computer Systems LS8292 Datasheet HTML 11Page - LSI Computer Systems LS8292 Datasheet HTML 12Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Fig 6. TYPICAL APPLICATION FOR FOUR PHASE UNIPOLAR MOTOR USING DISCRETE MOSFETS
uC
M0
M1
RESET/
STEP/
FWD
EN/
Rb
Cb
TBLNK
+5V
5MHz
10MΩ
Cm
Cm
XTLO
XTLI
LS8292
1
2
4
5
6
7
9
10
17
DGND
VDD
24
21
23
20
+Vm
+5V
R
AGND
11
13
Vr
12
Vref
NOTE 4. Cm is chosen according to following relation:
Cm = 2(Cl – Cp) – 10pF, where Cl = Crystal load capacitance and Cp = parasitic capacitance
NOTE 1. This design can operate in the Slow-decay mode only.
PHA
INH1/
PHB
Q1
Q2
SENSE1
15
22
18
Q3
Q4
14
PHC
INH2/
PHD
SENSE2
19
R
74HC08
74HC08
D
D
D
D
+Vm
DCYM
+5V
3
TDCYD 16
8292-021811-8
NOTE 2. Q1, Q2, Q3 and Q4 are power MOSFETS suitable for 5V gate drive. Typical part numbers: IRLZ44N and IRF3708
NOTE 3. For higher pre-drive capability, 74HC08 can be replaced with MIC4468



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com