Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8293 Datasheet(PDF) 2 Page - LSI Computer Systems

Part # LS8293
Description  MICRO-STEPPING MOTOR CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8293 Datasheet(HTML) 2 Page - LSI Computer Systems

  LS8293 Datasheet HTML 1Page - LSI Computer Systems LS8293 Datasheet HTML 2Page - LSI Computer Systems LS8293 Datasheet HTML 3Page - LSI Computer Systems LS8293 Datasheet HTML 4Page - LSI Computer Systems LS8293 Datasheet HTML 5Page - LSI Computer Systems LS8293 Datasheet HTML 6Page - LSI Computer Systems LS8293 Datasheet HTML 7Page - LSI Computer Systems LS8293 Datasheet HTML 8Page - LSI Computer Systems LS8293 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
One of six stepping modes can be selected by two input pins: Full, 1/2,
1/4, 1/8, 1/16 and 1/32. An internal oscillator generates the system
clock and sets the PWM period. The oscillator pin can also be driven
by an external clock. Other available inputs are for step command,
direction control, resetting to home position, disabling the H-bridge
drives, SENSE input blanking delay control and fast to slow switching
delay control in the mixed decay modes.
INPUT/OUTPUT DESCRIPTION:
XTLI, XTLO
A crystal connected between these two pins sets the system clock
frequency. Alternatively, XTLI pin can be driven by an external clock for
providing the system clock. The PWM period Tpwm, is related to the
system clock frequency as follows: Tpwm = 256/fc, where,
fc is the system clock frequency applied at the XTLI input.
M0, M1
M0 is a 3-state input amd M1 is a 2-state input; together they select the
step mode as follows:
Table 1
M1
M0
Step Mode
0
0
Full Step
1
0
1/2 Step
0
float
1/4 Step
1
float
1/8 Step
0
1
1/16 Step
1
1
1/32 Step
RESET
/
When low, RESET/ input clears the step pointer to HOME position per
table 4. This input has an internal pull-up resistor.
STEP/
A low pulse at the STEP/ input causes the motor to advance one step
forward or reverse. The step size is selected per Table 1.
FWD
When high, the FWD input causes the motor to step in the forward
direction per incremental step sequence of Table 4. When low, the
motor steps in the reverse direction per decremental step sequence of
Table 4.
EN/
When high, EN/ input causes all motor drive outputs to be disabled
bringing INH1/, INH2/, PHA, PHB, PHC and PHD low. When ENABLE/
is low, all motor drive outputs are enabled.
HOME/
HOME/ is an open drain output to indicate step0 per Table 4 with an
active low.
Vref
Input for the chopper circuit DAC reference voltage. It regulates the
peak motor winding current by regulating the PWM duty cycle. The
DAC modifies the Vref input voltage for the current sensing
comparators at every sequential motor step which can be estimated
with the following equations:
Vsens1 = | (Vref/7) x cos((90/32) x (n + 16))º |
Vsens2 = | (Vref/7) x sin((90/32) x (n + 16))º |
Where, n is the 1/32 column step number in Table 6. The sense
resistors should satisfy the relation: Rs1 = Rs2 = Vref/(7 x Imax)
where, Imax is the maximum motor winding current and Rs1 and
Rs2 are the fractional-Ohm sense resistors in series with each
phase of the H-bridge driver transistors.
Vrefh
Input for the holding torque reference voltage when the holding
torque mode is enabled. The holding torque reference voltage
should satisfy the relation:
Vrefh = 7 x Rs1 x Imaxh = 7 x Rs2 x Imaxh,
Where, Imaxh is the maximum winding current intended in the
holding state and Rs1 and Rs2 are the fractional Ohm sense
resistors in series with each phase of the H-bridge driver
transistors.
SENSE1, SENSE2
Inputs for motor winding current sense. A fractional-Ohm resistor
connected in series with each of the H-bridge drivers produce
SENSE1 and SENSE2 voltages. These voltages are compared
with the DAC modulated reference voltages for generating the
PWM phase or inhibit outputs.
PHA, PHB, PHC, PHD
Phase drive outputs for power stages. In a bipolar motor, PHA
and PHB are used for one H-bridge while PHC and PHD are
used for the other. In the slow-decay mode the phase outputs
are chopped by means of the current sense comparators. In the
fast-decay mode the phase outputs are kept enabled while the
inhibit outputs are chopped.
INH1/, INH2/
These outputs are active low inhibit controls for motor drive
outputs. INH1/ controls driver stage using PHA and PHB outputs
while INH2/ controls driver stage using PHC and PHD outputs. In
the fast-decay mode inhibit outputs are chopped by means of the
current sense comparators. In the slow-decay mode the inhibit
outputs are enabled while the phase outputs are chopped.
SYNC/
This open drain output produces a negative-going pulse
occurring at the beginning of every PWM cycle which can be use
to drive an external slope compensation circuit. Slope
compensation may be useful at PWM duty cycle exceeding 50%,
particularly in the fast-decay mode.
TBLNK
A resistor-capacitor pair connected to the TBLNK input controls
the delay for which the sense input sampling is inhibited at the
beginning of each PWM cycle. The delay is given by:
Tblnk = 1.2 x RbCb
Where, Rb and Cb are the resistor and the capacitor connected
to the TBLNK pin.
THLD
A resistor-capacitor pair connected to this pin produces the
holding torque initiation delay following a step command. Upon
delay timeout the normal torque reference voltage Vref is
switched out from the sense comparators, being replaced with
the holding torque reference voltage Vrefh. The holding torque at
lower dissipation prevails as long as the motor remains idle. The
delay is given by:
Thld = 1.4 x RhCh
8292-021811-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com