Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8293 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS8293
Description  MICRO-STEPPING MOTOR CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8293 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS8293 Datasheet HTML 1Page - LSI Computer Systems LS8293 Datasheet HTML 2Page - LSI Computer Systems LS8293 Datasheet HTML 3Page - LSI Computer Systems LS8293 Datasheet HTML 4Page - LSI Computer Systems LS8293 Datasheet HTML 5Page - LSI Computer Systems LS8293 Datasheet HTML 6Page - LSI Computer Systems LS8293 Datasheet HTML 7Page - LSI Computer Systems LS8293 Datasheet HTML 8Page - LSI Computer Systems LS8293 Datasheet HTML 9Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TABLE 4
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
VALUE
UNIT
DC Supply Voltage
VDD
+7
V
Input Voltage (all inputs)
Vin
GND – 0.3 to VDD + 0.3
V
Operating Temperature
TA
-25 to +85
ºC
Storage Temperature
TSTG
-65 to +125
ºC
TABLE 5
ELECTRICAL AND TRANSIENT CHARACTERISTICS ( VDD = 5V, TA = -25 ºC TO +85 ºC )
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
CONDITION
Supply Voltage
VDD
4.5
5.0
5.5
V
-
Supply Current
IDD
-
-
500
uA
Outputs floating, Inputs high
M0 Input Logic High
VMH
4.0
-
-
V
-
M0 Input Logic Low
VML
-
-
0.6
V
Input Voltage Logic High (all other inputs)
VIH
2.0
-
-
V
-
Input Voltage Logic Low (all other inputs)
VIL
-
-
0.8
V
-
Input Current: RESET/ logic high
IIRH
-
-
30
uA
VIH = 2V
Input Current: RESET/ logic low
IIRL
-
-
40
uA
VIL = 0.8V
Input Current: M0 logic high
IMH
-
5
-
uA
VIH = 5V
Input Current: M0 logic low
IML
-
5
-
uA
VIL = 0V
Input Current: logic high (all other inputs)
IIH
-
-
50
nA
Leakage Current
Input Current: logic low (all other inputs)
IIL
-
-
50
nA
Leakege Current
Output Current: Sink (Phase & Inhibit outputs)
IOPIL
10
-
-
mA
Vout = 0.4V
Output Current: Source (Phase & Inhibit outputs)
IOPIH
-5
-
-
mA
Vout = 4.6V
Output Current: Sink (SYNC/ output)
IOSL
10
-
-
mA
Vout = 0.4V
Output Current: Sink (HOME/ output)
IOHL
10
-
-
mA
Vout = 0.4V
Output Current: source (HOME/ output)
IOHH
-5
-
-
mA
Vout = 4.6V
Input Reference Voltage (Vref & Vrefh)
Vrf
2.5
-
4.5
V
-
Sense Comparators Offset Voltage
Vos
-
50
200
uV
Vrf = 2V
TDCYD Input Timing Resistpr
Rd
2
-
-
kΩ
-
TDCYU Input Timing Resistor
Ru
2
-
-
kΩ
-
THLD Input Timing Resistor
Rh
4
-
-
kΩ
-
TBLNK Input Timing Resistor
Rb
6
-
-
kΩ
-
XTLI Input Frequency
fc
-
5.0
8.0
MHz
-
FWD Input set-up time for STEP/
tfd
0
0
0
nS
-
STEP/ Input Pulse Width
Tspw
-
8/fc
-
uS
-
RESET/ Input Pulse Width
Trpw
-
8/fc
-
uS
-
SYNC/ Output Pulse Width
Tsypw
-
16/fc
-
uS
-
PWM period
Tpwm
-
255/fc
-
uS
-
8292-021811-5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com