Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS8293 Datasheet(PDF) 6 Page - LSI Computer Systems

Part # LS8293
Description  MICRO-STEPPING MOTOR CONTROLLER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS8293 Datasheet(HTML) 6 Page - LSI Computer Systems

Back Button LS8293 Datasheet HTML 2Page - LSI Computer Systems LS8293 Datasheet HTML 3Page - LSI Computer Systems LS8293 Datasheet HTML 4Page - LSI Computer Systems LS8293 Datasheet HTML 5Page - LSI Computer Systems LS8293 Datasheet HTML 6Page - LSI Computer Systems LS8293 Datasheet HTML 7Page - LSI Computer Systems LS8293 Datasheet HTML 8Page - LSI Computer Systems LS8293 Datasheet HTML 9Page - LSI Computer Systems LS8293 Datasheet HTML 10Page - LSI Computer Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Fig 3. SINGLE AND DUAL MIXED-DECAY MODES
Fig 4. LS8292 DRIVING TWO-PHASE BIPOLAR MOTOR
Time
Icoil
Tdcyu
Tdcyd
Slow
Decay
Dual or Single
Mixed Decay
Dual Mixed
Decay
Slow
Decay
Slow
Decay
Step up
Step down
Tpwm
uC
M0
M1
DCYM
RESET/
STEP/
FWD
EN/
INH1/
INH2/
PHA
PHB
PHC
PHD
Rb
Cb
Rd
Cd
TBLNK
TDCYD
+5V
+5V
5MHz
10MΩ
Cm
Cm
XTLO
XTLI
LS8292
1
2
3
4
5
6
7
9
10
16
17
INH1/
INH2/
A
B
C
D
Rs
Rs
DGND
AGND
SENSE1
SENSE2
11
13
15
14
SNS1 SNS2
1
15
L298
+5V
VDD
24
23
22
21
20
19
18
9
VSS
+Vm
Vs
4
8
GND
NOTE. Cm is chosen according to following relation:
Cm = 2(Cl – Cp) – 10pF, where Cl = Crystal load capacitance and Cp = parasitic capacitance
6
11
5
7
10
12
O1
O2
O3
O4
2
3
13
14
8292-061413-6
Vref
Vr
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com