Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28300 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP28300
Description  2A Synchronous Buck Li-ion Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28300 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP28300 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Datasheet
LP28300
LP28300 – 01 Version
1.1 Datasheet
Sep.-2010
www.lowpowersemi.com
Page 1 of 10
2A Synchronous Buck Li-ion Charger
General Description
The LP28300 is a 2A Li-Ion battery charger intended for5V
wall adapters. It utilizes a 1.5MHz synchronous buck
converter topology to reduce power dissipation during
charging. Low power dissipation, an internal MOSFET
allow a physically small charger that can be embedded in a
wide range of handheld applications. The LP28300 includes
complete charge termination circuitry, automatic recharge
and a ±1% 4.2V float voltage. Input short-circuit protection
is included so no blocking diode is required.
Battery charge current, charge timeout and end-of-charge
indication parameters are set with external components.
Additional
features
include
shorted
cell
detection,
temperature qualified charging and overvoltage protection.
The LP28300 is available in a low profile (0.75mm)
10-lead(3mm × 3mm)
DFN package.
Order Information
LP28300 -
□ □
□
F: Pb-Free
Package Type
QV: TDFN-10
Applications
Portable Media Players
Cellular and Smart mobile phone
PDA/DSC
Handheld Battery-Powered Devices
Handheld Computers
Charging Docks and Cradles
Features
Very Low Power Dissipation
2A Maximum Charge Current
No External MOSFETs and Blocking Diode Required
Constant-Current/Constant-Voltage Operation with
Thermal Regulation to Maximize Charge Rate
Without Risk of Overheating
Charges Single Cell Li-Ion Batteries Directly from
USB Port
Drainage Charge Current Thermal Regulation Status
Outputs for LED or System Interface
Optional Battery Temperature Monitoring Before and
During Charge Automatic Sleep Mode for Low-Power
Consumption Available in 3mm × 3mm TDFN-10
Package
RoHS Compliant and 100% Lead (Pb)-Free
Typical Application Circuit
Marking Information
Please see website.


Similar Part No. - LP28300

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
2A Synchronous Buck Li-ion Charger
LP28301QVF POWER-LP28301QVF Datasheet
662Kb / 9P
2A Synchronous Buck Li-ion Charger
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
LP28303AQVF POWER-LP28303AQVF Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
LP28303ASPF POWER-LP28303ASPF Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
More results

Similar Description - LP28300

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4001 LINER-LTC4001 Datasheet
235Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001 LINER-LTC4001_15 Datasheet
240Kb / 20P
2A Synchronous Buck Li-Ion Charger
LTC4001-1 LINER-LTC4001-1_15 Datasheet
236Kb / 20P
2A Synchronous Buck Li-Ion Charger
logo
Lowpower Semiconductor ...
LP28301 POWER-LP28301 Datasheet
662Kb / 9P
2A Synchronous Buck Li-ion Charger
LP28303A POWER-LP28303A Datasheet
541Kb / 8P
2.5A Synchronous Buck Li-ion Charger
logo
Shenzhen Huazhimei Semi...
HM5081 HMSEMI-HM5081 Datasheet
1Mb / 9P
4.5A Synchronous Buck Li-ion Charger
HM5083 HMSEMI-HM5083 Datasheet
1Mb / 9P
3A Synchronous Buck 3 Cells Li-ion Charger
HM5084 HMSEMI-HM5084 Datasheet
1Mb / 9P
2.5A Synchronous Buck 4 Cells Li-ion charger
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com