Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28300 Datasheet(PDF) 3 Page - Lowpower Semiconductor inc

Part # LP28300
Description  2A Synchronous Buck Li-ion Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28300 Datasheet(HTML) 3 Page - Lowpower Semiconductor inc

  LP28300 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Preliminary Datasheet
LP28300
LP28300 – 01 Version
1.1 Datasheet
Sep.-2010
www.lowpowersemi.com
Page 3 of 10
Typical Application Circuits
1R
10
uF
BATT
V
IN
EN
STAT
SW
SNS
BATT
TS
10uF
10uH
RSNS
100mR
10K
Rts
1uF
22uF
1Cell
1
2
7
3
4
5
6
9
10
11
LP28300
V
IN
1R
10
uF
V
IN
EN
STAT
SW
SNS
BATT
TS
10uF
10uH
R
SNS
100mR
10K
Rts
1uF
22uF
1
2
7
3
4
5
6
9
10
11
LP28300
V
IN
BATT
VIN
V
IN
V
IN
EN
STAT
SW
SNS
BATT
TS
10uF
10uH
R
SNS2
RSNS1 100mR
10K
R
ts
1uF 22uF
1
2
7
3
4
5
6
9
10
11
LP28300
V
IN
BATT
V
IN
1R
10
uF
200mR
Q1 
USB Charge CTRL
H:USB Charging, Iset=500mA
L:DC Adapter Charging, Iset=1300mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com