Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP28300 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP28300
Description  2A Synchronous Buck Li-ion Charger
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP28300 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP28300 Datasheet HTML 1Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 2Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 3Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 4Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 5Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 6Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 7Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 8Page - Lowpower Semiconductor inc LP28300 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Preliminary Datasheet
LP28300
LP28300 – 01 Version
1.1 Datasheet
Sep.-2010
www.lowpowersemi.com
Page 2 of 10
Functional Pin Description
Package Ty pe
Pin Configurations
TDFN- 10
VIN
7
LP28300
VIN
6
SNS
3
11
8
1
GND
10
9
4
2
BATT
EN
SW
NC
STAT
PGND
5
TS
Pin Description
PIN
PIN
Number
DESCRIPTION
VIN
1,7
Positive Supply Voltage Input. This pin connects to the power devices inside the chip. VIN ranges from
4V to 5.5V for normal operation. Operation down to the under-voltage lockout threshold is allowed
with current limited wall adapters. Decouple with a 10µF or larger surface mounted ceramic capacitor.
TS
2
NTC (Negative Temperature Coefficient) Thermistor Input. With an external 10kΩ NTC thermistor to
ground, this pin senses the temperature of the battery pack and stops the charger when the temperature
is out of range. To disable the temperature qualification function, ground the NTC pin.
EN
3
Enable Input Pin. Pulling the EN pin high places the LP28300 into a low power state where the BAT
drain current drops to less than 3µA and the supply current is reduced to less than 50µA. For normal
operation, pull the pin low.
STAT
4
Open-Drain Charge Status Output. When the battery is charging, the STAT pin is pulled low by an
internal N-channel MOSFET. When the charge cycle is completed, When the LP28300 detects an
under voltage lockout condition, STAT is forced high impedance.
BATT
5
Battery Charger Output Terminal. Connect a 22µF ceramic chip capacitor between BAT and PGND to
keep the ripple voltage small.
SNS
6
Internal Sense Resistor. Connect to external inductor.
Current Amplifier Sense Input. A sense resistor, RSENSE, must be connected between the SENSE and
BAT pins. The maximum charge current is equal to 100mV/RSENSE.
NC
8
No connector.
SW
9
Switch Node Connection. This pin connects to the drains of the internal main and synchronous power
MOSFET switches. Connect to external inductor.
GND
10
Ground.
PGND
11
Power Ground Pad.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com