Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7C109KAMB35L Datasheet(PDF) 7 Page - LOGIC Devices Incorporated

Part # L7C109KAMB35L
Description  128K x 8 Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C109KAMB35L Datasheet(HTML) 7 Page - LOGIC Devices Incorporated

Back Button L7C109KAMB35L Datasheet HTML 3Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 4Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 5Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 6Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 7Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 8Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 9Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 10Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 11Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
7
128K x 8 Static RAM
L7C108
L7C109
PACKAGE INFORMATION
0.825 ± 0.008
PIN 1
IDENTIFIER
0.400 ± 0.005
See
detail A
0.025 ± 0.003
0.050 TYP
0.085 ± 0.008
0.006 ~ 0.22 TYP
0.003 ~ 0.015
detail A
0.070 ± 0.007
0.050 TYP
0.055 ± 0.006
0.082 ± 0.0083
PKG K: 32L CERAMIC DUAL LCC (MD-K11)
*All measurements in inches
SMD 5962-89598 Case ‘U’ / Ordering Code ‘K’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com