Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7C109KAMB35L Datasheet(PDF) 3 Page - LOGIC Devices Incorporated

Part # L7C109KAMB35L
Description  128K x 8 Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C109KAMB35L Datasheet(HTML) 3 Page - LOGIC Devices Incorporated

  L7C109KAMB35L Datasheet HTML 1Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 2Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 3Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 4Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 5Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 6Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 7Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 8Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
3
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
128K x 8 Static RAM
L7C108
L7C109
Supply Voltage
4.5 V VCC 5.5 V
2.0 V VCC 5.5 V
Mode
Active, Operation, Military
Data Retention, Military
OPERATING CONDITIONS To meet specified electrical and switching characteristics
Temperature Range (Ambient)
-55°C to +125°C
-55°C to +125°C
MAXIMUM RATINGS Above which useful life may be impaired (Notes 1, 2)
Storage temperature…………………………………………...….……............……
Operating ambient temperature………………………………………......….......…
Vcc supply voltage with respect to ground…………….…………………….......….
Input signal with respect to ground.………………………….………………..…..…
Signal applied to high impedance output……………………………………........…
Output current into low outputs………………………………………….…......................……
Latchup current….........................……………..…………………………...……................
-65°C to +150°C
-55°C to +125°C
-0.5 V to +7.0 V
-3.0 V to +7.0 V
-3.0 V to +7.0 V
25 mA
>200 mA
L7C108/109
L7C108/109-L
Symbol Parameter
Test Condition
Min
Max
Min
Max
Unit
VOH
VOL
VIH
VIL
IIx
IOZ
ICC2
ICC3
ICC4
CIN
COUT
Output High Voltage
Output Low Voltage
Input High Voltage
Input Low Voltage
Input Leakage Current
Output Leakage Current
VCC Current, TTL Standby
VCC Current, CMOS Standby
VCC Current, Data Retention
Input Capacitance
Output Capacitance
VCC = 4.5V, IOH = -4 mA
IOL = 8 mA
GND < VIN < VCC
VCC =
Ambient Temp = 25°C, VCC = 5 V
2.4
2.2
-0.5
-10
-10
0.4
Vcc
+0.5
0.8
+10
+10
25
10
-
8
8
ELECTRICAL CHARACTERISTICS Over Operating Conditions (Note 5)
2.4
2.2
-3.0
-10
-10
0.4
Vcc
+0.3
0.8
+10
+10
25
5
0.75
8
8
V
V
V
V
μA
μA
mA
mA
mA
pF
pF
Symbol Parameter
Test Condition
L7C108/109-L
ICC1
VCC Current, Active
mA
L7C108/109
15
140
20
140
25
140
35
135
45
125
15
140
20
140
25
140
35
130
45
125
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com