Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7C109KAMB35L Datasheet(PDF) 10 Page - LOGIC Devices Incorporated

Part # L7C109KAMB35L
Description  128K x 8 Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C109KAMB35L Datasheet(HTML) 10 Page - LOGIC Devices Incorporated

Back Button L7C109KAMB35L Datasheet HTML 6Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 7Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 8Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 9Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 10Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 11Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 12Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 13Page - LOGIC Devices Incorporated L7C109KAMB35L Datasheet HTML 14Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
10
128K x 8 Static RAM
L7C108
L7C109
PACKAGE INFORMATION
0.05 ± 0.0775
0.135 ± 0.005
1.600 ± 0.016
0.018 ± 0.002
0.050 ± 0.002 TYP
0.170 ± 0.005
0.22 ± 0.015
0.050 ± 0.010
0.378 ± 0.005
0.400 ± 0.005
0.010
Base Plane
Seating Plane
Lead Location
Guage Plane
0.100 ± 0.05 TYP
+ 0.002
- 0.001
0.1471 ± 0.0063
0.317 ± 0.011
PKG D: 32L CERAMIC DIP (MD-D12)
*All measurements in inches
SMD 5962-89598 Case ‘Z’ / Ordering Code ‘D’



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com