Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41802 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 41802
Description  FASTON Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

41802 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 41802 Datasheet HTML 8Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 9Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 10Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 11Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 12Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 13Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 14Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 15Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
21
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
187 Series Receptacles
1
No Insulation support.
4
Stress relieved.
2
UL listed and CSA certified for 22- 20 AWG.
5
Tab stock thickness .020 [0.51].
3
Also capable of accepting (2) 20 AWG wires.
Straight Receptacles
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
.020
.040-.070
Brass,
.012
.590
X2
—X2
60573-1
0.51
1.02-1.78
Tin Plated
0.31
14.99
.020
.040-.070
Brass
.012
.590
X2
—X2
60573-2
0.51
1.02-1.78
0.31
14.99
.020
.040-.070
Phos Brz,
.012
.590
X
—
X
62187-2
0.51
1.02-1.78
Tin Plated
0.31
14.99
24-20
A
.020
.060-.110
Brass,
.012
.585
X2
—X2
62138-1
0.51
1.52-2.79
Tin Plated
0.31
14.86
.020
.060-.110
Brass
.012
.585
X2
—X2
62138-2
0.51
1.52-2.79
0.31
14.86
.021
.060-.110
Brass,
.012
.590
—
—
—
1217129-1
0.53
1.52-2.79
Tin Plated
0.31
14.99
.032
.040-.070
Brass,
.012
.590
X2
—X2
62181-1
0.81
1.02-1.78
Tin Plated
0.31
14.99
B
.032
.090-.150
Brass,
.012
.585
X
—
X
63931-1
0.81
2.29-3.81
Tin Plated
0.31
14.86
C
.020
.090-.130
Brass
.012
.590
X
—
X
63347-1
22-18
0.51
2.29-3.30
0.31
14.99
.020
.060-.100
Brass,
.014
.615
X
—
X
63873-15
F
0.51
1.52-2.54
Tin Plated
0.36
15.62
.020
.090-.130
Brass,
.014
.615
X
—
X
1217084-15
0.51
2.29-3.30
Tin Plated
0.36
15.62
.015
—
Brass,
.012
.470
—
—
—
42374-21
0.38
Tin Plated
0.31
11.94
.015
.090-.130
Brass,
.012
.590
—
—
—
42453-2
0.38
2.29-3.30
Tin Plated
0.31
14.99
.020
—
Brass,
.012
.470
X
—
X
42373-21
0.51
Tin Plated
0.31
11.94
.020
—
Steel,
.012
.470
—
X
—
42373-31
0.51
Nickel Plated
0.31
11.94
.020
.060-.110
Brass
.012
.585
X
—
X
62137-1
0.51
1.52-2.79
0.31
14.86
.020
.060-.110
Brass,
.012
.585
X
—
X
62137-2
0.51
1.52-2.79
Tin Plated
0.31
14.86
20-16
A
.020
.090-.130
Brass
.012
.590
X
—
X
42452-1
0.51
2.29-3.30
0.31
14.99
.020
.090-.130
Brass,
.012
.590
X
—
X
42452-2
0.51
2.29-3.30
Tin Plated
0.31
14.99
.020
.090-.130
Phos Brz,
.012
.590
X
—
X
42452-5
0.51
2.29-3.30
Tin Plated
0.31
14.99
.020
.090-.130
Steel,
.012
.590
—
X
X
60621-1
0.51
2.29-3.30
Nickel Plated
0.31
14.99
.032
.090-.130
Steel,
.012
.590
—
X
X
63850-1
0.81
2.29-3.30
Nickel Plated
0.31
14.99
.032
.090-.130
Brass
.012
.585
X
—
X
61758-1
0.81
2.29-3.30
0.31
14.86
.032
.090-.130
Brass,
.012
.585
X
—
X
61758-2
0.81
2.29-3.30
Tin Plated
0.31
14.86
R
R
R
A — Premier Line
B — Budget Line
C — Economy Line
.220
[5.59]
.250
[6.35]
.220
[5.59]
.250
[6.35]
L
.220
[5.59]
L
.250 [6.35]
.225
[5.72]
L
.225
[5.72]
L
F — Commercial Line
Receptacle & Tab Combination
Note: All part numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com