Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41802 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # 41802
Description  FASTON Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

41802 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button 41802 Datasheet HTML 14Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 15Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 16Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 17Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 18Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 19Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 20Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 21Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 22Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 18 / 22 page
background image
27
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
110 Series Receptacles (Continued)
Straight Receptacles (Continued)
Wire Range
Style
Fits Tab
Tab
Insulation
Material
Stock
L
Terminal
AWG
Type8
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
R
R
R
1
.018
.080-.120
Brass
.010
.630
—
—
—
63242-15
0.46
2.03-3.05
0.25
16.00
1
.020
.060-.100
Brass
.010
.630
X
—
X
62003-15
0.51
1.52-2.54
0.25
16.00
22-18
C
1
.020
.060-.100
Brass,
.010
.630
X
—
X
62003-25
0.51
1.52-2.54
Tin Plated
0.25
16.00
1
.032
.080-.120
Brass,
.010
.630
X
—
X
63961-15
0.81
2.03-3.05
Tin Plated
0.25
16.00
1
.032
.080-.120
Brass,
.010
.630
—
—
—
1217145-16
0.81
2.03-3.05
Tin Plated
0.25
16.00
1
.016
—
Brass,
.010
.475
—
—
—
42398-1
0.41
Pre-Tin
0.25
12.07
20-18 or
1
.020
—
Brass,
.010
.475
X
—
X
42399-1
(2) 20
B
0.51
Pre-Tin
0.25
12.07
1
.032
—
Brass,
.010
.475
X
—
X
60601-1
0.81
Pre-Tin
0.25
12.07
—
.020
—
Brass,
.010
.380
X
—
X
62850-12
20-18
B
0.51
Pre-Tin
0.25
9.65
—
.020
—
Brass,
.010
.380
X
—
X
62850-22
0.51
Tin Plated
0.25
9.65
1
.010
.060-.100
Brass,
.010
.625
—
—
—
62968-1
0.25
1.52-2.54
Pre-Tin
0.25
15.88
1
.020
.060-.100
Brass,
.010
.635
X
—
X
61408-1
0.51
1.52-2.54
Pre-Tin
0.25
16.13
1
.020
.060-.100
Steel,
.010
.635
—
X
X
1217102-1
0.51
1.52-2.54
Nickel Plated
0.25
16.13
1
.020
.120-.140
Brass,
.010
.635
X
—
X
61400-1
A
0.51
3.05-3.56
Pre-Tin
0.25
16.13
1
.020
.150-.170
Brass,
.010
.635
X
—
X
62191-1
0.51
3.81-4.32
Tin Plated
0.25
16.13
20-16
1
.032
.120-.140
Brass,
.010
.635
X
—
X
62050-1
0.81
3.05-3.56
Pre-Tin
0.25
16.13
1
.032
.120-.140
Steel,
.010
.635
—
X
X
62050-2
0.81
3.05-3.56
Nickel Plated
0.25
16.13
2
.032
.120-.140
Brass,
.010
.635
X
—
X
63703-1
0.81
3.05-3.56
Pre-Tin
0.25
16.13
1
.016
—
Brass,
.010
.537
—
—
—
61457-1
B
0.41
Pre-Tin
0.25
13.64
1
.032
—
Brass,
.010
.415
X
—
X
63560-1
0.81
Pre-Tin
0.25
10.54
A—
.032
.110-.190
Brass,
.012
.625
—
—
—
63093-12, 7
0.81
2.79-4.83
Tin Plated
0.30
15.88
18-14
—
.020
—
Brass,
.010
.475
X
—
X
62474-13,4
B
0.51
Tin Plated
0.25
12.07
1
.020
—
Brass,
.010
.475
X
—
X
62852-14
0.51
Pre-Tin
0.25
12.07
1
UL listed 22 AWG wire only.
4
Side feed.
5
Tab Thickness .020 [0.51].
7
Stress relieved.
2
No Dimple.
3
Dimple at special location.
6
Tab Thickness .032 [0.81].
8
See page 28 for Mating Tab Designs.
A — FASTON Receptacles
with Insulation Support
.150
[3.81]
B — FASTON Receptacles
with No Insulation Support
C — Commercial Line
Receptacle and Tab Combination
.148
[3.76]
L
.148
[3.76]
Note: All part numbers are RoHS compliant.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com