Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

41802 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # 41802
Description  FASTON Receptacles
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

41802 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button 41802 Datasheet HTML 6Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 7Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 8Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 9Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 10Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 11Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 12Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 13Page - List of Unclassifed Manufacturers 41802 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
19
Catalog 82004
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 3-11
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
FASTON Terminals (Insulated and Uninsulated)
250 Series F-Crimp Flags (Continued)
Flag Receptacles (Continued)
A — Center Strip,
F-Crimp
.300
[7.62]
L
.240
[6.10]
C — Reversible Flag,
Straight End Feed
D — Reversible Flag for
Hermetic Tabs, Side Feed
.305
[7.75]
.318
[8.08]
L
.305
[7.75]
.318
[8.08]
L
Wire Range
Style
Tab
Insulation
Material
Stock
L
Terminal
AWG
Fit
Diameter
and Finish
Thickness
(Overall Length)
Part Number
20-16
D
.032
.085-.150
Phos Brz,
.018
.640
X
—
X
63137-1
0.81
2.16-3.81
Tin Plated
0.46
16.26
.032
—Brass
.016
.430
X
—
X
63315-13
0.81
0.41
10.92
.032
—
Brass,
.016
.430
X
—
X
63315-23
A
0.81
Tin Plated
0.41
10.92
.032
.110-.160
Brass
.016
.540
X
—
X
63314-1
0.81
2.79-4.06
0.41
13.72
.032
.110-.160
Brass,
.016
.540
X
—
X
63314-2
0.81
2.79-4.06
Tin Plated
0.41
13.72
B
.032
.120-.170
Brass,
.016
.630
X
—
X
151321-4
0.81
3.05-4.32
Tin Plated
0.41
16.00
18-14
.032
.090-.130
Brass
.016
.710
X
—
X
62048-1
0.81
2.29-3.30
0.41
18.03
C
.032
.090-.130
Brass,
.016
.710
X
—
X
62048-2
0.81
2.29-3.30
Tin Plated
0.41
18.03
.032
.170-.220
Brass,
.016
.710
X
—
X
60764-2
0.81
4.32-5.59
Tin Plated
0.41
18.03
.032
—Brass
.018
.640
—
—
—
63647-11,3
0.81
0.46
16.26
E
.032
—
Phos Brz,
.018
.640
—
—
—
63647-21,3
0.81
Tin Plated
0.46
16.26
.032
—
Brass,
.018
.640
—
—
—
63647-31,3
0.81
Tin Plated
0.46
16.26
16-12
D
.032
.130-.170
Phos Brz,
.018
.640
X
—
X
61188-12
0.81
3.30-4.32
Tin Plated
0.46
16.26
.032
.130-.170
Phos Brz,
.018
.640
X
—
X
61187-12
12-10
D
0.81
3.30-4.32
Tin Plated
0.46
16.26
1
No Dimple.
2
Bends terminal 90°. For 180° bend use applicator 687616-2 with Press 694234-7.
3
No insulation support.
R
R
R
B — Receptacle Tab
Combination, F-Crimp
L
.300
[7.62]
.300
[7.62]
Note: All part numbers are RoHS compliant.
E — Reversible Flag for
Hermetic Tabs, Side Feed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com