Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 235 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 235 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 231Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 232Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 233Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 234Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 235Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 236Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 237Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 238Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 239Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 235
PIC24FJ128GA310 FAMILY
17.2
Setting Baud Rate When
Operating as a Bus Master
To compute the Baud Rate Generator reload value, use
Equation 17-1.
EQUATION 17-1:
COMPUTING BAUD RATE
RELOAD VALUE(1,2)
17.3
Slave Address Masking
The I2CxMSK register (Register 17-3) designates
address bit positions as “don’t care” for both 7-Bit and
10-Bit Addressing modes. Setting a particular bit loca-
tion (= 1) in the I2CxMSK register causes the slave
module to respond whether the corresponding address
bit value is a ‘0’ or a ‘1’. For example, when I2CxMSK
is set to ‘00100000’, the slave module will detect both
addresses, ‘0000000’ and ‘0100000’.
To enable address masking, the Intelligent Peripheral
Management Interface (IPMI) must be disabled by
clearing the IPMIEN bit (I2CxCON<11>).
TABLE 17-2:
I2C™ RESERVED ADDRESSES(1)
Note 1:
Based on FCY = FOSC/2; Doze mode and
PLL are disabled.
2:
These clock rate values are for guidance
only. The actual clock rate can be affected
by various system level parameters. The
actual clock rate should be measured in
its intended application.
FSCL =
FCY
I2CxBRG + 1 +
FCY
10,000,000
I2CxBRG =
FCY
10,000,000
FCY
FSCL
–– 1
or:
(
)
Note:
As a result of changes in the I2C™ proto-
col, the addresses in Table 17-2 are
reserved and will not be Acknowledged in
Slave mode. This includes any address
mask settings that include any of these
addresses.
TABLE 17-1:
I2C™ CLOCK RATES(1,2)
Required System FSCL
FCY
I2CxBRG Value
Actual FSCL
(Decimal)
(Hexadecimal)
100 kHz
16 MHz
157
9D
100 kHz
100 kHz
8 MHz
78
4E
100 kHz
100 kHz
4 MHz
39
27
99 kHz
400 kHz
16 MHz
37
25
404 kHz
400 kHz
8 MHz
18
12
404 kHz
400 kHz
4 MHz
9
9
385 kHz
400 kHz
2 MHz
4
4
385 kHz
1 MHz
16 MHz
13
D
1.026 MHz
1 MHz
8MHz
6
6
1.026MHz
1 MHz
4MHz
3
3
0.909MHz
Note 1:
Based on FCY = FOSC/2; Doze mode and PLL are disabled.
2:
These clock rate values are for guidance only. The actual clock rate can be affected by various system
level parameters. The actual clock rate should be measured in its intended application.
Slave Address
R/W Bit
Description
0000 000
0
General Call Address(2)
0000 000
1
Start Byte
0000 001
x
CBus Address
0000 01x
x
Reserved
0000 1xx
x
HS Mode Master Code
1111 0xx
x
10-Bit Slave Upper Byte(3)
1111 1xx
x
Reserved
Note 1:
The address bits listed here will never cause an address match, independent of address mask settings.
2:
The address will be Acknowledged only if GCEN = 1.
3:
A match on this address can only occur on the upper byte in 10-Bit Addressing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com