Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 26 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 26 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 22Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 23Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 24Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 25Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 26Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 27Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 28Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 29Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 406 page
background image
PIC24FJ128GA310 FAMILY
PIC24FJDS39996F-page 26
 2010-2011 Microchip Technology Inc.
RTCC
42
54
68
E9
O
—
Real-Time Clock Alarm/Seconds Pulse Output.
SCL1
37
47
57
H10
I/O
I2C
I2C1 Synchronous Serial Clock Input/Output.
SCL2
32
40
58
H11
I/O
I2C
I2C2 Synchronous Serial Clock Input/Output.
SCLKI
486074
B11
SDA1
36
46
56
J11
I/O
I2C
I2C1 Data Input/Output.
SDA2
31
39
59
G10
I/O
I2C
I2C2 Data Input/Output.
SEG0
4
6
10
E3
O
—
LCD Driver Segment Outputs.
SEG1
8
10
14
F3
O
—
SEG2
11
15
20
H1
O
—
SEG3
12
16
21
H2
O
—
SEG4
13
17
22
J1
O
—
SEG5
14
18
23
J2
O
—
SEG6
15
19
24
K1
O
—
SEG7
16
20
25
K2
O
—
SEG8
29
35
43
K7
O
—
SEG9
30
36
44
L8
O
—
SEG10
313949
L10
O
—
SEG11
324050
L11
O
—
SEG12
334151
K10
O
—
SEG13
425468
E9
O
—
SEG14
435569
E10
O
—
SEG15
445670
D11
O
—
SEG16
455771
C11
O
—
SEG17
465872
D9
O
—
SEG18
273341
J7
O
—
SEG19
283442L7
O
—
SEG20
496176
A11
O
—
SEG21
506277
A10
O
—
SEG22
516378
B9
O
—
SEG23
526681
C8
O
—
SEG24
536782
B8
O
—
SEG25
546883
D7
O
—
SEG26
556984
C7
O
—
SEG27
587287
B6
O
—
SEG28
374757
H10
O
—
SEG29
232934L5
O
—
SEG30
222833L4
O
—
SEG31
212732
K4
O
—
SEG32
—
4
6
D1
O
—
SEG33
—
5
8
E2
O
—
SEG34
—
13
18
G1
O
—
TABLE 1-4:
PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
64-Pin
TQFP
80-Pin
TQFP
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com