Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 67 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 67 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 63Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 64Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 65Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 66Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 67Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 68Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 69Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 70Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 71Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 67
PIC24FJ128GA310 FAMILY
4.2.5.2
Data Write into EDS
In order to write data to EDS space, such as in EDS
reads, an Address Pointer is set up by loading the
required EDS page number into the DSWPAG register,
and assigning the offset address to one of the W regis-
ters. Once the above assignment is done, then the
EDS window is enabled by setting bit 15 of the working
register, assigned with the offset address, and the
accessed location can be written.
Figure 4-2 illustrates how the EDS space address is
generated for write operations.
When the MSBs of EA are ‘1’, the lower 9 bits of
DSWPAG are concatenated to the lower 15 bits of EA
to form a 24-bit EDS address for write operations.
Example 4-2 shows how to write a byte, word and
double-word to EDS.
The Page registers (DSRPAG/DSWPAG) do not
update automatically while crossing a page boundary,
when the rollover happens from 0xFFFF to 0x8000.
While developing code in assembly, care must be taken
to update the page registers when an Address Pointer
crosses the page boundary. The ‘C’ compiler keeps
track of the addressing, and increments or decrements
the Page registers accordingly while accessing
contiguous data memory locations.
FIGURE 4-6:
EDS ADDRESS GENERATION FOR WRITE OPERATIONS
EXAMPLE 4-2:
EDS WRITE CODE IN ASSEMBLY
Note 1:
All write operations to EDS are executed
in a single cycle.
2:
Use of Read/Modify/Write operation on
any EDS location under a REPEAT
instruction is not supported. For example,
BCLR, BSW, BTG, RLC f, RLNC f,
RRC f, RRNC f, ADD f,
SUB
f,
SUBR f, AND f, IOR f,
XOR
f,
ASR f, ASL f
.
3:
Use
the
DSRPAG
register
while
performing Read/Modify/Write operations.
DSWPAG Reg
Select
Wn
8
15 Bits
9 Bits
24-Bit EA
Wn<0> is Byte Select
1
0
; Set the EDS page where the data to be written
mov
#0x0002 , w0
mov
w0 , DSWPAG
;page 2 is selected for write
mov
#0x0800 ,
w1
;select the location (0x800) to be written
bset
w1 , #15
;set the MSB of the base address, enable EDS mode
;Write a byte to the selected location
mov
#0x00A5 , w2
mov
#0x003C , w3
mov.b
w2 , [w1++]
;write Low byte
mov.b
w3 , [w1++]
;write High byte
;Write a word to the selected location
mov
#0x1234
, w2
;
mov
w2 , [w1]
;
;Write a Double - word to the selected location
mov
#0x1122 , w2
mov
#0x4455 , w3
mov.d
w2 , [w1]
;2 EDS writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com