Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 20 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 20 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 16Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 17Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 18Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 19Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 20Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 21Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 22Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 23Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 406 page
background image
PIC24FJ128GA310 FAMILY
PIC24FJDS39996F-page 20
 2010-2011 Microchip Technology Inc.
COM0
63
79
99
A2
O
—
LCD Driver Common Outputs.
COM1
62
78
98
B3
O
—
COM2
61
77
94
B4
O
—
COM3
60
76
93
A4
O
—
COM4
59
73
88
A6
O
—
COM5
23
29
34
L5
O
—
COM6
22
28
33
L4
O
—
COM7
21
27
32
K4
O
—
CS1
45
57
71
C11
I/O
ST/TTL Parallel Master Port Chip Select 1 Strobe (shared
with PMA14)
CS2
44
56
70
D11
O
—
Parallel Master Port Chip Select 2 Strobe (shared
with PMA15)
CTCMP
14
18
23
J2
I
ANA
CTMU Comparator 2 Input (Pulse mode).
CTED0
—
—
17
G3
I
ANA
CTMU External Edge Inputs.
CTED1
283442L7
I
ANA
CTED2
273341
J7
I
ANA
CTED3
—
—
1
B2
I
ANA
CTED4
1
1
3
D3
I
ANA
CTED5
293543
K7
I
ANA
CTED6
303644L8
I
ANA
CTED7
—
—
40
47
I
ANA
CTED8
64
80
100
A1
I
ANA
CTED9
637999
A2
I
ANA
CTED10
—
—
97
A3
I
ANA
CTED11
—
—
95
C4
I
ANA
CTED12
15
19
24
K1
I
ANA
CTED13
14
18
23
J2
I
ANA
CTPLS
29
35
43
K7
O
—
CTMU Pulse Output.
CVREF
23
29
34
L5
O
—
Comparator Voltage Reference Output.
CVREF+
16
20
25
K2
I
ANA
Comparator/A/D Reference Voltage (low) Input.
CVREF-
15
19
24
K1
I
ANA
Comparator/A/D Reference Voltage (high) Input.
INT0
35
45
55
H9
I
ST
External Interrupt Input 0.
LCDBIAS0
3
3
5
D2
I
ANA
Bias Inputs for LCD Driver Charge Pump.
LCDBIAS1
2
2
4
C1
I
ANA
LCDBIAS2
1
1
3
D3
I
ANA
LCDBIAS3
17
21
26
L1
I
ANA
LVDIN
64
80
100
A1
I
ANA
Low-Voltage Detect Input.
MCLR
7
9
13
F1
I
ST
Master Clear (device Reset) Input. This line is
brought low to cause a Reset.
OSCI
39
49
63
F9
I
ANA
Main Oscillator Input Connection.
OSCO
40
50
64
F11
O
—
Main Oscillator Output Connection.
TABLE 1-4:
PIC24FJ128GA310 FAMILY PINOUT DESCRIPTIONS (CONTINUED)
Pin
Function
Pin Number/Grid Locator
I/O
Input
Buffer
Description
64-Pin
TQFP
80-Pin
TQFP
100-Pin
TQFP
121-Pin
BGA
Legend:
TTL = TTL input buffer
ST = Schmitt Trigger input buffer
ANA = Analog level input/output
I2C™ = I2C/SMBus input buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com