Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 279 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 279 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 275Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 276Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 277Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 278Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 279Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 280Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 281Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 282Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 283Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 279 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 279
PIC24FJ128GA310 FAMILY
REGISTER 22-2:
RTCPWC: RTCC POWER CONTROL REGISTER(1)
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
PWCEN
PWCPOL
PWCPRE
PWSPRE
RTCLK1(2)
RTCLK0(2)
RTCOUT1
RTCOUT0
bit 15
bit 8
U-0
U-0
U-0
U-0
U-0
U-0
U-0
U-0
—
—
—
—
—
—
—
—
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
PWCEN:
Power Control Enable bit
1
= Power control is enabled
0
= Power control is disabled
bit 14
PWCPOL:
Power Control Enable bit
1
= Power control is enabled
0
= Power control is disabled
bit 13
PWCPRE:
Power Control/Stability Prescaler bits
1
= PWC stability window clock is divide-by-2 of source RTCC clock
0
= PWC stability window clock is divide-by-1 of source RTCC clock
bit 12
PWSPRE:
Power Control Sample Prescaler bits
1
= PWC sample window clock is divide-by-2 of source RTCC clock
0
= PWC sample window clock is divide-by-1 of source RTCC clock
bit 11-10
RTCLK<1:0>:
RTCC Clock Source Select bits(2)
11
= External power line (60 Hz)
10
= External power line source (50 Hz)
01
= Internal LPRC Oscillator
00
= External Secondary Oscillator (SOSC)
bit 9-8
RTCOUT<1:0>:
RTCC Output Source Select bits
11
= Power control
10
= RTCC clock
01
= RTCC seconds clock
00
= RTCC alarm pulse
bit 7-0
Unimplemented:
Read as ‘0’
Note 1:
The RTCPWC register is only affected by a POR.
2:
When a new value is written to these register bits, the lower half of the MINSEC register should also be
written to properly reset the clock prescalers in the RTCC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com