Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 323 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 323 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 319Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 320Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 321Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 322Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 323Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 324Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 325Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 326Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 327Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 323
PIC24FJ128GA310 FAMILY
27.0
CHARGE TIME
MEASUREMENT UNIT (CTMU)
The Charge Time Measurement Unit (CTMU) is a
flexible
analog
module
that
provides
charge
measurement, accurate differential time measurement
between pulse sources and asynchronous pulse
generation. Its key features include:
• Thirteen external edge input trigger sources
• Polarity control for each edge source
• Control of edge sequence
• Control of response to edge levels or edge
transitions
• Time measurement resolution of one nanosecond
• Accurate current source suitable for capacitive
measurement
Together with other on-chip analog modules, the CTMU
can be used to precisely measure time, measure
capacitance, measure relative changes in capacitance
or generate output pulses that are independent of the
system clock. The CTMU module is ideal for interfacing
with capacitive-based touch sensors.
The CTMU is controlled through three registers:
CTMUCON1,
CTMUCON2
and
CTMUICON.
CTMUCON1 enables the module and controls the mode
of operation of the CTMU, as well as controlling edge
sequencing. CTMUCON2 controls edge source selec-
tion and edge source polarity selection. The CTMUICON
register selects the current range of current source and
trims the current.
27.1
Measuring Capacitance
The CTMU module measures capacitance by
generating an output pulse with a width equal to the
time between edge events on two separate input
channels. The pulse edge events to both input
channels can be selected from four sources: two
internal peripheral modules (OC1 and Timer1) and up
to 13 external pins (CTEDG1 through CTEDG13). This
pulse is used with the module’s precision current
source to calculate capacitance according to the
relationship:
EQUATION 27-1:
For capacitance measurements, the A/D Converter
samples an external capacitor (CAPP) on one of its
input channels after the CTMU output’s pulse. A
precision resistor (RPR) provides current source
calibration on a second A/D channel. After the pulse
ends, the converter determines the voltage on the
capacitor. The actual calculation of capacitance is
performed in software by the application.
Figure 27-1 illustrates the external connections used
for capacitance measurements, and how the CTMU
and A/D modules are related in this application. This
example also shows the edge events coming from
Timer1, but other configurations using external edge
sources are possible. A detailed discussion on
measuring capacitance and time with the CTMU
module is provided in the “PIC24F Family Reference
Manual”, Section 11. “Charge Time Measurement
Unit (CTMU)”
.
Note:
This data sheet summarizes the features of
this group of PIC24F devices. It is not
intended to be a comprehensive reference
source. For more information on the
Charge Measurement Unit, refer to the
“PIC24F
Family
Reference
Manual”
,
Section 11. “Charge Time Measurement
Unit (CTMU)”
(DS39724).
IC
dV
dT
-------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com