Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 332 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 332 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 328Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 329Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 330Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 331Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 332Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 333Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 334Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 335Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 336Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 332 / 406 page
background image
PIC24FJ128GA310 FAMILY
DS39996F-page 332
 2010-2011 Microchip Technology Inc.
REGISTER 28-1:
HLVDCON: HIGH/LOW-VOLTAGE DETECT CONTROL REGISTER
R/W-0
U-0
R/W-0
U-0
U-0
U-0
U-0
U-0
HLVDEN
—LSIDL
—
—
—
—
—
bit 15
bit 8
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
VDIR
BGVST
IRVST
—
HLVDL3
HLVDL2
HLVDL1
HLVDL0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15
HLVDEN:
High/Low-Voltage Detect Power Enable bit
1
= HLVD is enabled
0
= HLVD is disabled
bit 14
Unimplemented:
Read as ‘0’
bit 13
LSIDL:
HLVD Stop in Idle Mode bit
1
= Discontinue module operation when device enters Idle mode
0
= Continue module operation in Idle mode
bit 12-8
Unimplemented:
Read as ‘0’
bit 7
VDIR:
Voltage Change Direction Select bit
1
= Event occurs when voltage equals or exceeds trip point (HLVDL<3:0>)
0
= Event occurs when voltage equals or falls below trip point (HLVDL<3:0>)
bit 6
BGVST:
Band Gap Voltage Stable Flag bit
1
= Indicates that the band gap voltage is stable
0
= Indicates that the band gap voltage is unstable
bit 5
IRVST:
Internal Reference Voltage Stable Flag bit
1
= Internal reference voltage is stable; the High-Voltage Detect logic generates the interrupt flag at the
specified voltage range
0
= Internal reference voltage is unstable; the High-Voltage Detect logic will not generate the interrupt
flag at the specified voltage range and the HLVD interrupt should not be enabled
bit 4
Unimplemented:
Read as ‘0’
bit 3-0
HLVDL<3:0>:
High/Low-Voltage Detection Limit bits
1111
= External analog input is used (input comes from the LVDIN pin)
1110
= Trip point 1(1)
1101
= Trip point 2(1)
1100
= Trip point 3(1)
.
.
.
0100
= Trip point 11(1)
00xx
= Unused
Note 1:
For the actual trip point, see Section 32.0 “Electrical Characteristics”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com