Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC24FJ128GA310 Datasheet(PDF) 403 Page - Microchip Technology

Part # PIC24FJ128GA310
Description  64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers with LCD Controller and nanoWatt XLP Technology
PDF  406 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GA310 Datasheet(HTML) 403 Page - Microchip Technology

Back Button PIC24FJ128GA310 Datasheet HTML 398Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 399Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 400Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 401Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 402Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 403Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 404Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 405Page - Microchip Technology PIC24FJ128GA310 Datasheet HTML 406Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 403 / 406 page
background image
 2010-2011 Microchip Technology Inc.
DS39996F-page 403
PIC24FJ128GA310 FAMILY
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Architecture
24
= 16-bit modified Harvard without DSP
Flash Memory Family
FJ
= Flash program memory
Product Group
GA3 = General-purpose microcontrollers with
LCD Controller and nanoWatt XLP Technology
Pin Count
06
= 64-pin
08
= 80-pin
10
= 100-pin (TQFP) and 121-pin (BGA)
Temperature Range
I
= -40
C to +85C (Industrial)
Package
BG = 121-pin (10x10x1.4 mm) BGA package
PT = 100-lead (12x12x1 mm) TQFP (Thin Quad Flatpack)
PF = 100-lead (14x14x1 mm) TQFP (Thin Quad Flatpack)
PT = 80-pin (12x12x1 mm) TQFP (Thin Quad Flatpack)
PT = 64-lead (10x10x1 mm) TQFP (Thin Quad Flatpack)
MR = 64-lead (9x9x0.9 mm) QFN (Quad Flatpack, No Lead)
Pattern
Three-digit QTP, SQTP, Code or Special Requirements
(blank otherwise)
ES = Engineering Sample
Examples:
a)
PIC24FJ64GA306-I/MR:
PIC24F device with LCD Controller and nano-
Watt XLP Technology, 64 KB program memory,
64-pin, Industrial temp., QFN package.
b)
PIC24FJ128GA308-I/PT:
PIC24F device with LCD Controller and nano-
Watt XLP Technology, 128 KB program
memory, 80-pin, Industrial temp., TQFP
package.
c)
PIC24FJ128GA210-I/BG:
PIC24F device with LCD Controller and nano-
Watt XLP Technology, 128 KB program
memory, 121-pin,
Industrial temp., BGA
package.
Microchip Trademark
Architecture
Flash Memory Family
Program Memory Size (KB)
Product Group
Pin Count
Temperature Range
Package
Pattern
PIC 24 FJ 128 GA3 10 T - I / PT - XXX
Tape and Reel Flag (if applicable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com